Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-06-R-50 Datasheet(PDF) 2 Page - NEC

Part # B-06-R-50
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-06-R-50 Datasheet(HTML) 2 Page - NEC

  B-06-R-50 Datasheet HTML 1Page - NEC B-06-R-50 Datasheet HTML 2Page - NEC B-06-R-50 Datasheet HTML 3Page - NEC B-06-R-50 Datasheet HTML 4Page - NEC B-06-R-50 Datasheet HTML 5Page - NEC B-06-R-50 Datasheet HTML 6Page - NEC B-06-R-50 Datasheet HTML 7Page - NEC B-06-R-50 Datasheet HTML 8Page - NEC B-06-R-50 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Classification of NEC TOKIN's EMI suppression parts ・・・・・・・3
DIP Type
Common Mode Power Line
SH Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・8
SHO Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・10
SBT-03W Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・11
Common Mode Signal Line
SBT-01W Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・12
Toroidal Cores with Wound Cables ・・・・・・・・・・・・・・・・・・・・・・13
DIP Noise Filters D-03C, 03C1, 05N1, 07C1, 08C2, 08C2A ・14
DIP Noise Filters D-16C ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・16
DIP Noise Filters D-37C, 40C, 42C, 45C, 47C ・・・・・・・・・・・・・17
DIP Noise Filters D-55C, 58C ・・・・・・・・・・・・・・・・・・・・・・・・・・・19
Common Mode for Telephone Sets
Noise Filters for Telephone Sets ST-101, 201, 202, 202S ・・・20
Noise Filters for Telephone Sets ST-101A, 201A, 202A ・・・・・21
Noise Filters for Telephone Sets ST-110AV, 110AH, 110BV, 110BH ・・22
Noise Filters for Telephone Sets ST-101F2, 101F4 ・・・・・・・・23
Noise Filters for Telephone Sets ST-104A4, 204A Series ・・・24
Normal Mode
SBT Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・25
SNT Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・26
Bead Inductors (Lead Type) ・・・・・・・・・・・・・・・・・・・・・・・・・・・・27
Bead Inductors(Winding Type) ・・・・・・・・・・・・・・・・・・・・・・・・・・30
EMC Filter
DFD Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・32
Tape and Reel Dimensions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・33
SMD Type
Common Mode Power Line
SBS9080 Series・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・34
SBP Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・35
DCM Series・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・36
Common Mode Signal Line
EMC Chip Filters M-500CT/M-600T Series・・・・・・・・・・・・・・・・38
Precautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・40
Tape and Reel Dimensions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・41
Contents
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com