Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-06-RTF-50 Datasheet(PDF) 34 Page - NEC

Part # B-06-RTF-50
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-06-RTF-50 Datasheet(HTML) 34 Page - NEC

Back Button B-06-RTF-50 Datasheet HTML 30Page - NEC B-06-RTF-50 Datasheet HTML 31Page - NEC B-06-RTF-50 Datasheet HTML 32Page - NEC B-06-RTF-50 Datasheet HTML 33Page - NEC B-06-RTF-50 Datasheet HTML 34Page - NEC B-06-RTF-50 Datasheet HTML 35Page - NEC B-06-RTF-50 Datasheet HTML 36Page - NEC B-06-RTF-50 Datasheet HTML 37Page - NEC B-06-RTF-50 Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
34
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Power Line
1
2
3
4
(1.5)
(1.5)
(7.2)
(6.3)
9.0±0.2
8.0±0.2
9.7 max.
8.7 max.
1
3
2
4
Circuit Diagram
Shape and Dimensions
SBS9080 Series
[RoHS Compliant]
• Tape and Reel Dimensions (see page 44)
• Precautions (see page 43)
SBS9080-509T
50
5.0
0.9
15
–25 to +50
SBS9080-524T
50
5.0
2.4
15
–25 to +50
Rated voltage
Rated current
Inductance
DC resistance
Operating
Model
(at 100KHz)
(m /line)
temperature range
DC (V)
DC (A)
(
μH) min.
max.
(˚C)
SBS9080 Series
[RoHS Compliant]
• Withstanding voltage: 125V DC for one minute between lines
• Insulation resistance: More than 10M
(100V DC, between lines)
10000
1000
100
10
1
1
10
100
1000
Frequency (MHz)
524T
509T
Impedance vs. Frequency
4.0
4.0
2.0
Recommended Land Pattern
[mm]
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com