Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC1C226M Datasheet(PDF) 6 Page - NEC

Part # ESVC1C226M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC1C226M Datasheet(HTML) 6 Page - NEC

  ESVC1C226M Datasheet HTML 1Page - NEC ESVC1C226M Datasheet HTML 2Page - NEC ESVC1C226M Datasheet HTML 3Page - NEC ESVC1C226M Datasheet HTML 4Page - NEC ESVC1C226M Datasheet HTML 5Page - NEC ESVC1C226M Datasheet HTML 6Page - NEC ESVC1C226M Datasheet HTML 7Page - NEC ESVC1C226M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
35
6.3
6.8
A2
ESVA20J685M
0.5
8
6.5
12
10
±12%
±12%
10
J
ESVJ0J106M
0.6
20
8
38
22
±20%
±20%
10
P
ESVP0J106M
0.6
20
6
30
30
±20%
±20%
10
A2
ESVA20J106M
0.6
8
4.5
12
10
±12%
±12%
10
A
ESVA0J106M
0.6
8
3.2
12
10
±12%
±12%
15
P
ESVP0J156M
0.9
20
5
30
30
±20%
±20%
15
A2
ESVA20J156M
0.9
12
4
22
14
±12%
±12%
15
A
ESVA0J156M
0.9
8
3
12
10
±12%
±12%
22
P
ESVP0J226M
1.3
20
4
38
22
±20%
±20%
22
A2
ESVA20J226M
1.3
12
2.8
22
14
±12%
±12%
22
A
ESVA0J226M
1.3
10
3
14
12
±12%
±12%
22
B3
ESVB30J226M
1.3
8
2
12
10
±15%
±15%
22
B2
ESVB20J226M
1.3
8
1.6
12
10
± 5%
±10%
33
A2
ESVA20J336M
2
18
3
34
20
±20%
±20%
33
A
ESVA0J336M
2
12
2.5
22
14
±12%
±12%
33
B3
ESVB30J336M
2
12
1.7
18
15
±15%
±15%
47
A
ESVA0J476M
2.9
12
2
22
14
±12%
±12%
47
B3
ESVB30J476M
2.9
12
1.7
18
15
±15%
±15%
47
B2
ESVB20J476M
2.9
8
1.3
12
10
± 5%
±10%
47
C
ESVC0J476M
2.9
8
0.9
12
10
± 5%
±10%
68
A
ESVA0J686M
4.2
30
2
60
40
±12%
±12%
68
B3
ESVB30J686M
4.2
20
2
38
22
±15%
±15%
68
B2
ESVB20J686M
4.2
10
1
18
12
±12%
±12%
68
C2
ESVC20J686M
4.2
10
0.8
14
12
±12%
±12%
100
A
ESVA0J107M
6.3
25
2
60
40
±20%
±20%
100
B3
ESVB30J107M
6.3
20
1.3
38
22
±15%
±15%
100
B2
ESVB20J107M
6.3
12
0.9
22
14
±12%
±12%
100
C2
ESVC20J107M
6.3
10
0.8
18
12
±12%
±12%
100
C
ESVC0J107M
6.3
10
0.6
14
12
±12%
±12%
150
B2
ESVB20J157M
9.4
12
1
22
14
±12%
±12%
150
C
ESVC0J157M
9.4
10
0.6
18
12
±12%
±12%
220
B2
ESVB20J227M
13.8
18
1
34
20
±12%
±12%
220
C
ESVC0J227M
13.8
14
1.2
26
16
±12%
±12%
220
V
ESVV0J227M
13.8
12
0.5
18
14
±12%
±12%
220
D
ESVD0J227M
13.8
12
0.5
18
14
±12%
±12%
330
V
ESVV0J337M
20.7
14
0.5
26
16
±5%
±10%
330
D
ESVD0J337M
20.7
14
0.5
26
16
±12%
±12%
470
D
ESVD0J477M
29.6
20
0.3
38
22
±20%
±20%
10
1
P
ESVP1A105M
0.5
10
25
15
15
±20%
±20%
1.5
J
ESVJ1A155M
0.5
20
25.5
30
30
±20%
±20%
1.5
P
ESVP1A155M
0.5
20
25
30
30
±20%
±20%
2.2
J
ESVJ1A225M
0.5
20
17.5
30
30
±20%
±20%
2.2
P
ESVP1A225M
0.5
20
19
30
30
±20%
±20%
3.3
J
ESVJ1A335M
0.5
20
25
30
30
±20%
±20%
3.3
P
ESVP1A335M
0.5
20
13
30
30
±20%
±20%
3.3
A2
ESVA21A335M
0.5
8
8
12
10
±12%
±12%
4.7
J
ESVJ1A475M
0.5
20
10
30
30
±20%
±20%
4.7
P
ESVP1A475M
0.5
20
6
30
30
±20%
±20%
4.7
A2
ESVA21A475M
0.5
8
8
12
10
±12%
±12%
4.7
A
ESVA1A475M
0.5
8
4.5
12
10
±12%
±12%
6.8
A2
ESVA21A685M
0.6
8
8
12
10
±12%
±12%
6.8
A
ESVA1A685M
0.6
8
4.5
12
10
±12%
±12%
10
P
ESVP1A106M
1
20
6
30
30
±20%
±20%
10
A2
ESVA21A106M
1
8
8
12
10
±12%
±12%
10
A
ESVA1A106M
1
8
3.2
12
10
±12%
±12%
10
B2
ESVB21A106M
1
8
2.4
12
10
± 5%
±10%
15
A2
ESVA21A156M
1.5
12
3
22
14
±12%
±12%
15
B3
ESVB31A156M
1.5
8
2.7
12
10
±15%
±15%
22
A
ESVA1A226M
2.2
12
2.5
22
14
±12%
±12%
22
B3
ESVB31A226M
2.2
8
1.9
12
10
±15%
±15%
22
B2
ESVB21A226M
2.2
8
1.4
12
10
± 5%
±10%
33
B3
ESVB31A336M
3.3
12
1.7
18
15
±15%
±15%
33
B2
ESVB21A336M
3.3
8
1.4
12
10
± 5%
±10%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
( F)
Rated
Capacitance Change
at Endurance
-55℃
+125℃
Soldering Heat
at Resistance to
at Damp Heat
at Surge Voltage
Leakage
Current
Max
DF
Max
ESR
Max
(%)
( A)
DF (%) Max
(
)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com