Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC1C686M Datasheet(PDF) 3 Page - NEC

Part # ESVC1C686M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC1C686M Datasheet(HTML) 3 Page - NEC

  ESVC1C686M Datasheet HTML 1Page - NEC ESVC1C686M Datasheet HTML 2Page - NEC ESVC1C686M Datasheet HTML 3Page - NEC ESVC1C686M Datasheet HTML 4Page - NEC ESVC1C686M Datasheet HTML 5Page - NEC ESVC1C686M Datasheet HTML 6Page - NEC ESVC1C686M Datasheet HTML 7Page - NEC ESVC1C686M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
32
í MARKINGS
The standard marking shows capacitance, DC rated voltage, and polarity.
[B3, B2, C2, C, V, D cases Production date code]
Capacitance ( F)
AA
Polarity
Marking Code
(DC Rated Voltage
and Capacitance)
J
Polarity
Marking Code
(DC Rated Voltage
and Capacitance)
J106
Polarity
Capacitance (pF)
Capacitance ( F)
DC Rated Voltage Code
47
6T
Polarity
Production Date Code
DC Rated Voltage
DC Rated Voltage
Polarity
Production Date Code
220
6T
[P case] (ex. 1 F / 10 V)
[J case] (ex. 4.7 F / 6.3 V)
[A2, A cases] (ex. 10 F / 6.3 V)
[B3, B2 cases] (ex. 47 F / 6.3 V)
[C2, C, V, D cases] (ex. 220 F / 6.3 V)
NOTE: Production date code will resume beginning in 2015.
Jan. Feb. Mar. Apr. May. Jun. Jul. Aug. Sep. Oct. Nov. Dec.
2011
ab
c
d
e
f
g
h
j
k
l
m
2012
np
q
r
s
t
u
v
w
x
y
z
2013
AB
CD
E
F
G
H
J
K
L
M
2014
NP
Q
R
S
T
UV
W
X
Y
Z
M
Y
F
2.5 V
4 V
6.3 V
10 V
16 V
20V
25V
0.47
CS
0.68
CW
1
AA
CA
EA
1.5
JE
AE
2.2
AJ
CJ
DJ
3.3
GN
AN
CN
4.7
JS
AS
6.8
JW
10
GA
JA
AA
15
GE
JE
22
eJ
GJ
JJ
33
eN
GN
47
eS
GS
[J case Marking Code]
F
2.5 V
4 V
6.3 V
10 V
16 V
1.0
1.5
2.2
3.3
A
4.7
J
6.8
G
10
e
15
UR
[P case Marking Code]
UR
[P, A2, A, cases DC Rated Voltage code]
Code
e
Rated
2.5 V
4 V
6.3 V
10 V
16 V
20 V
25 V
35V
Voltage
C
GJ
A
C
D
EV
UR :Rated Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com