Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC244D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC244D
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC244D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC244D Datasheet HTML 1Page - System Logic Semiconductor SL74HC244D Datasheet HTML 2Page - System Logic Semiconductor SL74HC244D Datasheet HTML 3Page - System Logic Semiconductor SL74HC244D Datasheet HTML 4Page - System Logic Semiconductor SL74HC244D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC244
System Logic
Semiconductor
SLS
Octal 3-State Noninverting
Buffer/Line Driver/Line Receiver
High-Performance Silicon-Gate CMOS
The SL74HC244 is identical in pinout to the LS/ALS244. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This octal noninverting buffer/line driver/line receiver is designed
to be used with 3-state memory address drivers, clock drivers, and
other bus-oriented systems. The device has noninverting outputs and
two active-low output enables.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC244N Plastic
SL74HC244D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
L
L
L
L
H
H
H
X
Z
X=don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC244D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
SL74HC240D SLS-SL74HC240D Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
SL74HC240N SLS-SL74HC240N Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
SL74HC241 SLS-SL74HC241 Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
SL74HC241D SLS-SL74HC241D Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results

Similar Description - SL74HC244D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
IK Semicon Co., Ltd
IN74LS244 IKSEMICON-IN74LS244 Datasheet
253Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
NLV74HC244ADTR2G ONSEMI-NLV74HC244ADTR2G Datasheet
143Kb / 9P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com