Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC1D476M Datasheet(PDF) 4 Page - NEC

Part # ESVC1D476M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC1D476M Datasheet(HTML) 4 Page - NEC

  ESVC1D476M Datasheet HTML 1Page - NEC ESVC1D476M Datasheet HTML 2Page - NEC ESVC1D476M Datasheet HTML 3Page - NEC ESVC1D476M Datasheet HTML 4Page - NEC ESVC1D476M Datasheet HTML 5Page - NEC ESVC1D476M Datasheet HTML 6Page - NEC ESVC1D476M Datasheet HTML 7Page - NEC ESVC1D476M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
33
í PERFORMANCE CHARACTERISTICS
Test Conditions : Conform to IEC 60384-1
at 85℃
at 125℃
at 85℃
at 120 Hz
at 100 kHz
solder dip : 260℃, 5sec
solder reflow : 260℃,10sec
25V
16V
33V
35V
22V
46V
16V
10V
20V
20V
13V
26V
6.3V
4V
8V
10V
6.3V
13V
2.5V
1.6V
3.3V
4V
2.5V
5.2V
Lower than 2 times initial
specification (P, J case) or 1.25
times initial specification
Parts shall be temperature cycled
over a temperature range of –55 to
+125℃, five times continuously as
follow.
Step 1: –55 ℃, 30±3min.
Step 2: room temp. 10 to 15min.
Step 3: 125 ℃, 30±3min.
Step 4: room temp, 10 to 15min.
Refer to Standard Ratings
at 40℃
at 90 to 95% RH
500 hour
at 85℃: Rated voltage
at 125℃: Derated voltage
2000 hour
Strength : 4.9N
Time : 10±0.5sec.
(two directions)
0.125C • V( A) or 6.25 A,
which ever is greater
Lower than initial
specification
Lower than initial
specification
PERFORMANCE
TEST CONDITION
Operating temperature
Rated voltage (V.dc)
Derated voltage (V.dc)
Surge voltage (V.dc)
Capacitance
Capacitance tolerance
DC Leakage Current (L.C)
Dissipation Factor
Equivalent Series Resistance
–55℃ to +125℃
ITEM
Surge voltage test
0.47
F to 680
F
L.C
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 120 Hz
±20% or ±10% (P,J case: ±20%)
λ0=1% / 1000 hour
Visual:
There shall be no evidence of mechanical damage
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 85℃: Rated voltage
at 125℃: Derated voltage
2000 hour
Lower than initial
specification
Lower than initial
specification
Endurance
Damp heat
Failure Rate
Terminal Strength
Conform to IEC60384–1
Conform to IEC60384–1
Others
Lower than 1.5 times initial
specification
Voltage:
Rated voltage for 5min.
Temperature : 85±2℃
Applied voltage : Surge voltage
Series resistance : 33 ohm
Duration of surge : 30±5 sec
Time between surge : 5.5min.
Number of cycle : 1000
0.01C • V( A) or 0.5
A , whichever is greater
Lower than initial
specification
Lower than initial
specification
Capacitance change
DF(%)
Lower than initial
specification
Rapid change of
temperature
Resistance to Soldering
heat
Characteristic
at high and low
temperature
Lower than initial
specification
–55℃
+85℃
+125℃
Not to exceed –20% (P, J case)
or –12%
Not to exceed +20% (P, J case)
or +12%
Lower than initial
specification
Refer to Standard Ratings
Refer to Standard Ratings
Not to exceed +20% (P, J case)
or +15%
0.1C • V( A) or 5 A,
which ever is greater
Step 1: 25±2℃
Step 2: –55
℃
Step 3: 25±2℃
Step 4: 125
℃
0
–3
0
–3
0
–3
0
–3
————
Derated voltage at 85℃ at more
[UT] = [UR] –
[UR] – [UC]
40
Reference : Derated voltage (85 to 125
°C)
[UT] : Derated voltage at operating temperature
[UR] : Rated voltage
[UC] : Derated voltage at 125
°C
T : Operating temperature
(T–85)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com