Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC299N Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL74HC299N
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC299N Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL74HC299N Datasheet HTML 1Page - System Logic Semiconductor SL74HC299N Datasheet HTML 2Page - System Logic Semiconductor SL74HC299N Datasheet HTML 3Page - System Logic Semiconductor SL74HC299N Datasheet HTML 4Page - System Logic Semiconductor SL74HC299N Datasheet HTML 5Page - System Logic Semiconductor SL74HC299N Datasheet HTML 6Page - System Logic Semiconductor SL74HC299N Datasheet HTML 7Page - System Logic Semiconductor SL74HC299N Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SL74HC299
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Mode Select S1
or S2 to Clock (Figure 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tsu
Minimum Setup Time, Data Inputs SA,
SH, PA thru PH to Clock
(Figure 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Clock to Mode
Select S1 or S2 (Figure 4)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
th
Minimum Hold Time, Clock to Data
Inputs, SA, SH, PA thru PH (Figure 4)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time, Reset
Inactive to Clock (Figure 2)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tw
Minimum Pulse Width, Clock (Figure
1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Reset (Figure
2)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com