Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC273 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC273
Description  Octal D Flip-Flop with Common Clock and Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC273 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC273 Datasheet HTML 1Page - System Logic Semiconductor HC273 Datasheet HTML 2Page - System Logic Semiconductor HC273 Datasheet HTML 3Page - System Logic Semiconductor HC273 Datasheet HTML 4Page - System Logic Semiconductor HC273 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC273
System Logic
Semiconductor
SLS
Octal D Flip-Flop with Common Clock and Reset
High-Performance Silicon-Gate CMOS
The SL74HC273 is identical in pinout to the LS/ALS273. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of eight D flip-flops with common Clock and
Reset inputs. Each flip-flop is loaded with a low-to-high transition of
the Clock input. Reset is asynchronous and active low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC273N Plastic
SL74HC273D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
no change
H
X
no change
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC27 TI-HC27 Datasheet
486Kb / 14P
TRIPLE 3-INPUT POSITIVE-NOR GATES
HC27 TI1-HC27 Datasheet
814Kb / 18P
TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
Precision Voltage References
HC2700JLCC APITECH-HC2700JLCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
HC2700LLCC APITECH-HC2700LLCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
More results

Similar Description - HC273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
Motorola, Inc
MC54HC273A MOTOROLA-MC54HC273A Datasheet
111Kb / 7P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74AC273 KODENSHI-KK74AC273 Datasheet
283Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
KK74LV273 KODENSHI-KK74LV273 Datasheet
337Kb / 7P
Octal D Flip-Flop with Common Clock and Reset
logo
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_11 Datasheet
155Kb / 9P
Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
MC74HC273A ONSEMI-MC74HC273A_15 Datasheet
96Kb / 8P
Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com