Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC367 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC367
Description  Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC367 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC367 Datasheet HTML 1Page - System Logic Semiconductor SL74HC367 Datasheet HTML 2Page - System Logic Semiconductor SL74HC367 Datasheet HTML 3Page - System Logic Semiconductor SL74HC367 Datasheet HTML 4Page - System Logic Semiconductor SL74HC367 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC367
System Logic
Semiconductor
SLS
Hex 3-State Noninverting Buffer
with Separate 2-Bit and 4-Bit Sections
High-Performance Silicon-Gate CMOS
The SL74HC367 is identical in pinout to the LS/ALS367. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device is arranged into 2-Bit and 4-Bit sections, each having
its own active-low Output Enable. When either of the enables is high,
the affected buffer outputs are placed into high-impedance states. The
SL74HC367 has noninverting outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC367N Plastic
SL74HC367D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Enable1,Enable 2
A
Y
L
L
L
L
H
H
H
X
Z
Z = high impedance
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - SL74HC367

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
SL74HC365D SLS-SL74HC365D Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
SL74HC365N SLS-SL74HC365N Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
More results

Similar Description - SL74HC367

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
Hex 3-State Noninverting Buffer with Common Enables
MC54F367 MOTOROLA-MC54F367 Datasheet
57Kb / 2P
F367 HEX BUFFER/DRIVER 4-BIT PLUS 2-BIT, NONINVERTING 3-STATE
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A Datasheet
155Kb / 6P
Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
1997 REV 0.1
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
logo
KODENSHI_AUK CORP.
KK74HC367A KODENSHI-KK74HC367A Datasheet
221Kb / 6P
Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
Hex 3-State Noninverting Buffer with Common Enables
logo
IK Semicon Co., Ltd
IN74HC367A IKSEMICON-IN74HC367A Datasheet
208Kb / 6P
Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com