Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F132SC Datasheet(PDF) 2 Page - Texas Instruments

Part # 74F132SC
Description  Quad 2-Input NAND Schmitt Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F132SC Datasheet(HTML) 2 Page - Texas Instruments

  74F132SC Datasheet HTML 1Page - Texas Instruments 74F132SC Datasheet HTML 2Page - Texas Instruments 74F132SC Datasheet HTML 3Page - Texas Instruments 74F132SC Datasheet HTML 4Page - Texas Instruments 74F132SC Datasheet HTML 5Page - Texas Instruments 74F132SC Datasheet HTML 6Page - Texas Instruments 74F132SC Datasheet HTML 7Page - Texas Instruments 74F132SC Datasheet HTML 8Page - Texas Instruments 74F132SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54F/74F132
Quad 2-Input NAND Schmitt Trigger
General Description
The ’F132 contains four 2-input NAND gates which accept
standard TTL input signals and provide standard TTL output
levels. They are capable of transforming slowly changing in-
put signals into sharply defined, jitter-free output signals. In
addition, they have a greater noise margin than conventional
NAND gates.
Each circuit contains a 2-input Schmitt trigger followed by
level shifting circuitry and a standard FAST® output struc-
ture. The Schmitt trigger uses positive feedback to effectively
speed-up slow input transitions, and provide different input
threshold voltages for positive and negative-going transi-
tions. This hysteresis between the positive-going and
negative-going input threshold (typically 800 mV) is deter-
mined by resistor ratios and is essentially insensitive to tem-
perature and supply voltage variations.
Features
n
Guaranteed 4000V minimum ESD protection
n
Standard Military Drawing (SMD)
n
5962-89487
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F132PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F132DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F132SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F132SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F132FM (Note 2)
W14B
14-Lead Cerpack
54F132LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009477-3
November 1994
© 1997 National Semiconductor Corporation
DS009477
www.national.com
1
PrintDate=1997/08/28 PrintTime=12:25:28 10193 ds009477 Rev. No. 1
cmserv
Proof
1
DSXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com