Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC365 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC365
Description  Hex 3-State Noninverting Buffer with Common Enables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC365 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC365 Datasheet HTML 1Page - System Logic Semiconductor HC365 Datasheet HTML 2Page - System Logic Semiconductor HC365 Datasheet HTML 3Page - System Logic Semiconductor HC365 Datasheet HTML 4Page - System Logic Semiconductor HC365 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC365
System Logic
Semiconductor
SLS
Hex 3-State Noninverting Buffer
with Common Enables
High-Performance Silicon-Gate CMOS
The SL74HC365 is identical in pinout to the LS/ALS365. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device is a high-speed hex buffer with 3-state outputs and two
common active-low Output Enables. When either of the enables is high,
the buffer outputs are placed into high-impedance states. The
SL74HC365 has noninverting outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC365N Plastic
SL74HC365D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Enable
1
Enable 2
A
Y
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
Z = high impedance
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - HC365

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC361 ALTERA-HC361 Datasheet
582Kb / 26P
HardCopy III Device
HC362 ALTERA-HC362 Datasheet
582Kb / 26P
HardCopy III Device
logo
Texas Instruments
HC367 TI1-HC367 Datasheet
806Kb / 18P
HEX BUFFERS AND LINE DRIVERS
HC368 TI1-HC368 Datasheet
1Mb / 19P
HEX INVERTING BUFFERS AND LINE DRIVERS
More results

Similar Description - HC365

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
Hex 3-State Noninverting Buffer with Common Enables
MC54-74HC366 MOTOROLA-MC54-74HC366 Datasheet
163Kb / 5P
Hex 3-State Inverting Buffer with Common Enables
logo
Integral Corp.
IN74HC365 INTEGRAL-IN74HC365 Datasheet
142Kb / 5P
HEX 3-STATE NONINVERTING BUFFER WITH COMMON ENABLES (High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
Hex 3-State Noninverting Buffer with Common Enables
logo
IK Semicon Co., Ltd
IN74HC365A IKSEMICON-IN74HC365A Datasheet
209Kb / 6P
Hex 3-State Noninverting Buffer with Common Enables High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
MC74HCT365A ONSEMI-MC74HCT365A Datasheet
124Kb / 7P
Hex 3-State Noninverting Buffer with Common Enables and LSTTL Compatible Inputs
June, 2011 ??Rev. 1
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com