Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8807 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL8807
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL8807 Datasheet HTML 7Page - Diodes Incorporated AL8807 Datasheet HTML 8Page - Diodes Incorporated AL8807 Datasheet HTML 9Page - Diodes Incorporated AL8807 Datasheet HTML 10Page - Diodes Incorporated AL8807 Datasheet HTML 11Page - Diodes Incorporated AL8807 Datasheet HTML 12Page - Diodes Incorporated AL8807 Datasheet HTML 13Page - Diodes Incorporated AL8807 Datasheet HTML 14Page - Diodes Incorporated AL8807 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
11 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Applications Information (cont.)
Soft Start
The AL8807 does not have in-built soft-start action – this provides very fast turn off of the output the stage improving PWM
dimming accuracy; nonetheless, adding an external capacitor from the CTRL pin to ground will provide a soft-start delay. This
is achieved by increasing the time taken for the CTRL voltage to rise to the turn-on threshold and by slowing down the rate of
rise of the control voltage at the input of the comparator. Adding a capacitor increases the time taken for the output to reach
90% of its final value, this delay is 0.1ms/nF, but will impact on the PWM dimming accuracy depending on the delay
introduced.
Fig. 33 Soft start with 22nF capacitor on CTRL pin (VIN = 30V, ILED = 667mA, 1 LED)
Reducing Output Ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor C2 across the LED(s) as shown
already in the circuit schematic.
A value of 1
μF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be achieved with
higher capacitor values. Note that the capacitor will not affect operating frequency or efficiency, but it will increase start-up
delay, by reducing the rate of rise of LED voltage. By adding this capacitor the current waveform through the LED(s) changes
from a triangular ramp to a more sinusoidal version without altering the mean current value.
Capacitor Selection
The small size of ceramic capacitors makes them ideal for AL8807 applications. X5R and X7R types are recommended
because they retain their capacitance over wider voltage and temperature ranges than other types such as Z5U.
A 2.2
μF input capacitor is sufficient for most intended applications of AL8807; however a 4.7μF input capacitor is suggested
for input voltages approaching 36V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com