Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8807MP-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8807MP-13
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807MP-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8807MP-13 Datasheet HTML 9Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 10Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 11Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 12Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 13Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 14Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 15Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 16Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
13 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Applications Information (cont.)
The following equations can be used as a guide, with reference to Figure 1 - Operating waveforms.
Switch ‘On’ time
Switch ‘Off’ time
()
R
r
R
x
I
V
V
I
L
t
SW
L
S
AVG
LED
IN
ON
+
+
−
−
Δ
=
()
r
R
x
I
V
V
I
L
t
L
S
AVG
D
LED
OFF
+
+
+
Δ
=
Where:
L is the coil inductance (H)
rL is the coil resistance (Ω)RS is the current sense resistance (Ω)
Iavg is the required LED current (A)
ΔI is the coil peak-peak ripple current (A) {Internally set to 0.3 x Iavg}
VIN is the supply voltage (V)
VLED is the total LED forward voltage (V)
RSW is the switch resistance (Ω) {=0.5Ω nominal}
VD is the diode forward voltage at the required load current (V)
Thermal Considerations
For continuous conduction mode of operation, the absolute maximum junction temperature must not be exceeded. The
maximum power dissipation depends on several factors: the thermal resistance of the IC package
θJA, PCB layout, airflow
surrounding the IC, and difference between junction and ambient temperature.
The maximum power dissipation can be calculated using the following formula:
PD(MAX) = (TJ(MAX) − TA) / θJA
where
TJ(MAX) is the maximum operating junction temperature,
TA is the ambient temperature, and
θJA is the junction to ambient thermal resistance.
The recommended maximum operating junction temperature, TJ, is 125°C and so maximum ambient temperature is
determined by the AL8807’s junction to ambient thermal resistance,
θJA and device power dissipation.
θJA, is layout dependent and package dependent; the AL8807W5’s θJA on a 25x25mm single layer PCB with 1oz copper
standing in still air is approximately 250°C/W (160°C/W on a four-layer PCB).
The maximum power dissipation at TA = 25°C can be calculated by the following formulas:
PD(MAX) = (125°C − 25°C) / (250°C/W) = 0.4W for single-layer PCB
PD(MAX) = (125°C − 25°C) / (160°C/W) = 0.625W for standard four-layer PCB
Figure 35, shows the power derating of the AL8807W5 on two (one single-layer and four-layer) different 25x25mm PCB with
1oz copper standing in still air and the AL8807MP on an FR4 51x51mm PCB with 2oz copper standing in still air.
-40 -25 -10
5
20 35 50 65 80 90 110 125
AMBIENT TEMPERATURE (°C)
Fig. 35 Derating Curve for Different PCB
1600
1400
1200
1000
800
600
400
200
0
SOT25_1 Layer
MSOP-8EP
SOT25_4 Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com