Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC393N Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC393N
Description  Dual 4-Stage Binary Ripple Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC393N Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC393N Datasheet HTML 1Page - System Logic Semiconductor SL74HC393N Datasheet HTML 2Page - System Logic Semiconductor SL74HC393N Datasheet HTML 3Page - System Logic Semiconductor SL74HC393N Datasheet HTML 4Page - System Logic Semiconductor SL74HC393N Datasheet HTML 5Page - System Logic Semiconductor SL74HC393N Datasheet HTML 6Page - System Logic Semiconductor SL74HC393N Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SL74HC393
System Logic
Semiconductor
SLS
Dual 4-Stage Binary Ripple Counter
High-Performance Silicon-Gate CMOS
The SL74HC393 is identical in pinout to the LS/ALS393. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of two independent 4-bit binary ripple
counters with parallel outputs from each counter stage. A
÷256 counter
can be obtained by cascading the two binary counters.
Internal flip-flops are triggered by high-to-low transitions of the
clock input. Reset for the counters is asynchronous and active-high.
State changes of the Q outputs do not occur simultaneously becaue of
internal ripple delays. Therefore, decoded output signals are subject to
decoding spikes and should not be used as clocks or as strobes except
when gated with the Clock of the SL74HC393.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC393N Plastic
SL74HC393D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Clock
Reset
X
H
L
H
L
No Change
L
L
No Change
L
No Change
L
Advance to Next
State
X = don’t care


Similar Part No. - SL74HC393N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
Quad 2-Input OR Gate
SL74HC323 SLS-SL74HC323 Datasheet
61Kb / 7P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
SL74HC323D SLS-SL74HC323D Datasheet
61Kb / 7P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
SL74HC323N SLS-SL74HC323N Datasheet
61Kb / 7P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
SL74HC32D SLS-SL74HC32D Datasheet
35Kb / 4P
Quad 2-Input OR Gate
More results

Similar Description - SL74HC393N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
12-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com