Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11821 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11821
Description  10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11821 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11821 Datasheet HTML 1Page - Texas Instruments 74ACT11821 Datasheet HTML 2Page - Texas Instruments 74ACT11821 Datasheet HTML 3Page - Texas Instruments 74ACT11821 Datasheet HTML 4Page - Texas Instruments 74ACT11821 Datasheet HTML 5Page - Texas Instruments 74ACT11821 Datasheet HTML 6Page - Texas Instruments 74ACT11821 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54ACT11821, 74ACT11821
10BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS156A − NOVEMBER 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Inputs Are TTL-Voltage Compatible
• Provides Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Ceramic 300-mil
DIPs
description
These 10-bit flip-flops feature 3-state outputs
designed specifically for driving highly-capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing wider buffer
registers, I/O ports, bidirectional bus drivers with
parity, and working registers.
On the positive transition of the clock the Q outputs
will follow the D inputs.
A buffered output enable (OE) input can be used
to place the ten outputs in either a normal logic
state (high or low level) or a high-impedance state.
In the high-impedance state the outputs neither
load nor drive the bus lines significantly.
The high-impedance state and increased drive
provide the capability to drive the bus lines in a
bus-organized system without need for interface
or pull-up components.
The output enable (OE)does not affect the internal operation of the flip-flops. Old data can be retained or new
data can be entered while the outputs are in the high-impedance state.
The 54ACT11821 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74ACT11821 is characterized for operation form − 40
°C to 85°C.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1Q
2Q
3Q
4Q
5Q
GND
GND
GND
GND
6Q
7Q
8Q
9Q
10Q
OE
1D
2D
3D
4D
5D
VCC
VCC
6D
7D
8D
9D
10D
CLK
54ACT11821 . . . JT PACKAGE
74ACT11821 . . . DW PACKAGE
32 1
13 14
5
6
7
8
9
10
11
8D
9D
10
CLK
10Q
9Q
8Q
2D
1D
OE
1Q
2Q
3Q
4Q
4
15 16 17 18
54ACT11821 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
(TOP VIEW)


Similar Part No. - 74ACT11821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOP
74ACT11825DW TI1-74ACT11825DW Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOP
74ACT11825DWR TI1-74ACT11825DWR Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOP
74ACT11825NT TI1-74ACT11825NT Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
74ACT11827 PHILIPS-74ACT11827 Datasheet
148Kb / 6P
10-WIDE BUFFER/LINE DRIVER (3-STATE)
October 17 1990
More results

Similar Description - 74ACT11821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821 TI-SN54AS821 Datasheet
86Kb / 6P
10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74AC16823 TI1-74AC16823 Datasheet
187Kb / 9P
16-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS1821 TI1-SN74AS1821 Datasheet
55Kb / 5P
10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI1-SN54ALS29821_15 Datasheet
181Kb / 10P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com