Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16821 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT16821
Description  20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16821 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT16821 Datasheet HTML 1Page - Texas Instruments 74ACT16821 Datasheet HTML 2Page - Texas Instruments 74ACT16821 Datasheet HTML 3Page - Texas Instruments 74ACT16821 Datasheet HTML 4Page - Texas Instruments 74ACT16821 Datasheet HTML 5Page - Texas Instruments 74ACT16821 Datasheet HTML 6Page - Texas Instruments 74ACT16821 Datasheet HTML 7Page - Texas Instruments 74ACT16821 Datasheet HTML 8Page - Texas Instruments 74ACT16821 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
54ACT16821, 74ACT16821
20BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS176A − JANUARY 1991 − REVISED APRIL 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT16821
74ACT16821
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
70
70
70
MHz
tPLH
CLK
Any Q
4.5
8.8
12
4.5
13.4
4.5
13.4
ns
tPHL
CLK
Any Q
5.2
9.5
12.6
5.2
14
5.2
14
ns
tPZH
OE
Any Q
2.8
8.6
10.8
2.8
11.9
2.8
11.9
ns
tPZL
OE
Any Q
4
9.7
13.3
4
14.7
4
14.7
ns
tPHZ
OE
Any Q
5.4
8.3
10
5.4
10.7
5.4
10.7
ns
tPLZ
OE
Any Q
4.7
7.6
9.3
4.7
10
4.7
10
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
Outputs enabled
CL = 50 pF,
f = 1 MHz
41
pF
Cpd
Power dissipation capacitance per flip-flop
Outputs disabled
CL = 50 pF,
f = 1 MHz
25
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com