Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78HT205 Datasheet(PDF) 2 Page - Texas Instruments

Part # 78HT205
Description  2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78HT205 Datasheet(HTML) 2 Page - Texas Instruments

  78HT205 Datasheet HTML 1Page - Texas Instruments 78HT205 Datasheet HTML 2Page - Texas Instruments 78HT205 Datasheet HTML 3Page - Texas Instruments 78HT205 Datasheet HTML 4Page - Texas Instruments 78HT205 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
CHARACTERISTIC
DA T A
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Note)
78HT205_ 5.0 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout (A)
Iout (A)
Iout (A)
78HT200
Series
78HT233_ 3.3 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout (A)
Iout (A)
Iout (A)
Vin
Vin
Vin
Vin
Vin
Vin
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
15.0V
20.0V
28.0V
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
12.0V
14.0V
15.0V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
12.0V
14.0V
15.0V
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
15.0V
20.0V
28.0V
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
12.0V
14.0V
15.0V
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
8.0V
10.0V
15.0V
20.0V
28.0V
Thermal Derating (Ta)
(See Note 2)
Vin (Volts)
0.0
0.5
1.0
1.5
2.0
810
12
14
16
Thermal Derating (Ta)
(See Note 2)
Vin (Volts)
0.0
0.5
1.0
1.5
2.0
8
12
162024
28
70°C
85°C
60°C
85°C
70°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com