Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78ST107VC Datasheet(PDF) 1 Page - Texas Instruments

Part # 78ST107VC
Description  1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78ST107VC Datasheet(HTML) 1 Page - Texas Instruments

  78ST107VC Datasheet HTML 1Page - Texas Instruments 78ST107VC Datasheet HTML 2Page - Texas Instruments 78ST107VC Datasheet HTML 3Page - Texas Instruments 78ST107VC Datasheet HTML 4Page - Texas Instruments 78ST107VC Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
2
Revised 6/30/98
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic
Pin-Out Information
Pin
Function
1Vin
2
GND
3Vout
Ordering Information
78ST1
C
XX
Y
33
= 3.3 Volts
36
= 3.6 Volts
05
= 5.0 Volts
51
= 5.1 Volts
65
= 6.5 Volts
07
= 7.0 Volts
08
= 8.0 Volts
09
= 9.0 Volts
12
= 12.0 Volts
Package Suffix
V
= Vertical Mount
S
= Surface Mount
H
= Horizontal
Mount
1.5 AMP POSITIVE STEP-DOWN
INTEGRATED SWITCHING REGULATOR
• Very Small Footprint
• High Efficiency > 85%
• Self-Contained Inductor
• Internal Short-Circuit Protection
• Over-Temperature Protection
• Fast Transient Response
• Wide Input Range
The 78ST100 is a series of wide input
voltage, 3-terminal Integrated Switching
Regulators (ISRs). These ISRs have a maxi-
mum output current of 1.5A and an output
voltage that is laser trimmed to a variety of
industry standard voltages.
These 78 series regulators have excellent
line and load regulation with internal short-
circuit and over-temperature protection, are
very flexible, and may be used in a wide
variety of applications.
78ST100
Series
Output Voltage
Specifications
Characteristics
78ST100 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
—
1.5
A
Short Circuit Current
Isc
Vin = Vin min
—
3.5
—
Apk
Input Voltage Range
Vin
0.1
≤ I
o ≤ 1.5A
Vo= 3.3V
7
—
26
V
Vo= 5V
7
—
30
V
Vo= 12V
14.5
—
30
V
Output Voltage Tolerance
∆V
o
Over Vin range, Io=1.5A
—
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
—
±0.2
±0.4
%Vo
Load Regulation
Regload
0.1
≤ I
o ≤ 1.5A
—
±0.1
±0.2
%Vo
Vo Ripple/Noise
Vn
Vin= 9V, Io= 1.5A
Vo= 5V
—
65
—
mVpp
Vin= 16V, Io= 1.5A
Vo= 12V
90
mVpp
Transient Response
ttr
50% load change
—
100
—
µSec
(with 100µF output cap)
Vo over/undershoot
—
5
—
%Vo
Efficiency
η
Vin= 10V, Io= 1A
Vo= 3.3V
—
80
—
%
Vin= 10V, Io= 1A
Vo= 5V
—
85
—
%
Vin= 17V, Io= 1A
Vo= 12V
—
90
—
%
Switching Frequency
ƒo
Over Vin range, Io=1.5A
600
650
700
kHz
Absolute Maximum
Ta
—
-40
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, (40-60LFM)
Temperature Range
At Vin= 24V, Io=1.0A
-40
—
+80**
°C
Thermal Resistance
θ
ja
Free Air Convection, (40-60LFM)
—
45
—
°C/W
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
6.5
—
grams
*ISR will operate down to no load with reduced specifications.
**See Thermal Derating chart.
Note: The 78ST100 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
78ST100
C2
+
Vout
GND
GND
Vin
C1
1
2
3
Pkg Style 500


Similar Part No. - 78ST107VC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST107VC TI-78ST107VC Datasheet
229Kb / 6P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - 78ST107VC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR100 TI-78SR100 Datasheet
214Kb / 3P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
1.5 Amp Negative Step-Down Integrated Switching Regulator
78SR153 TI-78SR153 Datasheet
189Kb / 3P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com