Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4094 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 74HC4094
Description  8-Bit Serial-Input Shift Register With Latched 3-State Outputs(High-Performance Silicon-Gate CMOS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74HC4094 Datasheet(HTML) 1 Page - System Logic Semiconductor

  74HC4094 Datasheet HTML 1Page - System Logic Semiconductor 74HC4094 Datasheet HTML 2Page - System Logic Semiconductor 74HC4094 Datasheet HTML 3Page - System Logic Semiconductor 74HC4094 Datasheet HTML 4Page - System Logic Semiconductor 74HC4094 Datasheet HTML 5Page - System Logic Semiconductor 74HC4094 Datasheet HTML 6Page - System Logic Semiconductor 74HC4094 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SL74HC4094
System Logic
Semiconductor
SLS
8-Bit Serial-Input Shift Register With Latched
3-State Outputs
High-Performance Silicon-Gate CMOS
The SL74HC4094 is identical in pinout to the LS/ALS4094. The
device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of an 8-bit shift register and 8-bit D-type latch
with three-state parallel outputs. Data is shifted serially through the
shift register on the positive going transition of the clock input signal.
The output of the last stage SQH can be used to cascade several
devices.
Data on the SQH output is transferred to a second output (SQH’) on
the following negative transition of the clock input signal. The data of
each stage of the shift register is provided with a latch, which latches
data on the negative going transition of the Strobe input signal. When
the Strobe input is held high, data propagates through the latch to a 3-
state output buffer.
This buffer is enabled when Output Enable input is taken high.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC4094N Plastic
SL74HC4094D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Parallel
Outputs
Serial
Outputs
Clock
Output
Enable
Strobe
A
QA
QN
SQH SQH’
L
X
X
Z
Z
Q6
NC
L
X
X
Z
Z
NC SQH
H
L
X
NC
NC
Q6
NC
H
H
L
L
QN-1
Q6
NC
H
H
H
H
QN-1
Q6
NC
H
X
X
NC
NC
NC SQH
NC = No Change
Z = high impedance
X = don’t care


Similar Part No. - 74HC4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
logo
STMicroelectronics
74HC4094 STMICROELECTRONICS-74HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
logo
Texas Instruments
74HC4094 TI-74HC4094 Datasheet
50Kb / 10P
High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Toshiba Semiconductor
74HC4094 TOSHIBA-74HC4094 Datasheet
303Kb / 8P
8-BIT SHIFT AND STORE REGISTER (3-STAFE)
logo
Nexperia B.V. All right...
74HC4094 NEXPERIA-74HC4094 Datasheet
300Kb / 19P
8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
More results

Similar Description - 74HC4094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
IN74HC4094 INTEGRAL-IN74HC4094 Datasheet
181Kb / 7P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A_05 Datasheet
124Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC4094A KODENSHI-KK74HC4094A Datasheet
312Kb / 8P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC4094A IKSEMICON-IN74HC4094A Datasheet
215Kb / 8P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com