Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78ST136VC Datasheet(PDF) 2 Page - Texas Instruments

Part # 78ST136VC
Description  1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78ST136VC Datasheet(HTML) 2 Page - Texas Instruments

  78ST136VC Datasheet HTML 1Page - Texas Instruments 78ST136VC Datasheet HTML 2Page - Texas Instruments 78ST136VC Datasheet HTML 3Page - Texas Instruments 78ST136VC Datasheet HTML 4Page - Texas Instruments 78ST136VC Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
3
CHARACTERISTIC
DA T A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
1317
2125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
12
1518
212427
3033
3639
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
16
19
22
25
28
31
34
37
40
78ST133_ 3.3 VDC
(See Note 1)
78ST105_ 5.0 VDC (See Note 1)
78ST112_ 12.0 VDC (See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Vin (Volts)
Vin (Volts)
Vin (Volts)
85°C
60°C
70°C
85°C
85°C
70°C
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
60°C
70°C
78ST100
Series
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
60°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com