Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC573 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC573
Description  Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC573 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC573 Datasheet HTML 1Page - System Logic Semiconductor HC573 Datasheet HTML 2Page - System Logic Semiconductor HC573 Datasheet HTML 3Page - System Logic Semiconductor HC573 Datasheet HTML 4Page - System Logic Semiconductor HC573 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC573
System Logic
Semiconductor
SLS
Octal 3-State Noninverting Transparent Latch
High-Performance Silicon-Gate CMOS
The SL74HC573 is identical in pinout to the LS/ALS573. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold time becomes latched.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC573N Plastic
SL74HC573D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
D
Q
L
H
H
H
L
H
L
L
L
L
X
no change
H
X
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - HC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC573A TI-HC573A Datasheet
741Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - HC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT373 SLS-SL74HCT373 Datasheet
52Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
SL74HCT573 SLS-SL74HCT573 Datasheet
54Kb / 6P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC373A INTEGRAL-IN74HC373A Datasheet
117Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT373A INTEGRAL-IN74HCT373A Datasheet
116Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74HCT573A KODENSHI-KK74HCT573A Datasheet
251Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC373A IKSEMICON-IN74HC373A Datasheet
173Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT573A IKSEMICON-IN74HCT573A Datasheet
237Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74ACT573 IKSEMICON-IN74ACT573 Datasheet
341Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com