Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC595D Datasheet(PDF) 7 Page - System Logic Semiconductor

Part # SL74HC595D
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC595D Datasheet(HTML) 7 Page - System Logic Semiconductor

Back Button SL74HC595D Datasheet HTML 2Page - System Logic Semiconductor SL74HC595D Datasheet HTML 3Page - System Logic Semiconductor SL74HC595D Datasheet HTML 4Page - System Logic Semiconductor SL74HC595D Datasheet HTML 5Page - System Logic Semiconductor SL74HC595D Datasheet HTML 6Page - System Logic Semiconductor SL74HC595D Datasheet HTML 7Page - System Logic Semiconductor SL74HC595D Datasheet HTML 8Page - System Logic Semiconductor SL74HC595D Datasheet HTML 9Page - System Logic Semiconductor SL74HC595D Datasheet HTML 10Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SL74HC595
System Logic
Semiconductor
SLS
FUNCTION TABLE
Inputs
Resulting Function
Operation
Reset Serial
Input
A
Shift
Clock
Latch
Clock
Output
Enable
Shift
Register
Contents
Latch
Register
Contents
Serial
Output
SQH
Parallel
Outputs
QA-QH
Reset shift register
L
X
X
L,H,
L
L
U
L
U
Shift data into shift
register
H
D
L,H,
L
D
SRA
SRN SRN+1
U
SRG SRH
U
Shift register remains
unchanged
H
X
L,H,
L,H,
L
U
U
U
U
Transfer shift register
contents to latch
register
H
X
L,H,
L
U
SRN LRN
U
SRN
Latch register remains
unchanged
X
X
X
L,H,
L
*
U
*
U
Enable parallel
outputs
X
X
X
X
L
*
**
*
Enabled
Force outputs into
high-impedance state
X
X
X
X
H
*
**
*
Z
SR = shift register contents
X = don’t care
LR = latch register contents
Z = high impedance
D = data (L,H) logic level
* = depends on Reset and Shift Clock inputs
U = remains unchanged
** = depends on Latch Clock input
PIN DESCRIPTIONS
INPUTS:
A - Serial Data Input. The data on this pin is shifted
into the 8-bit serial shift register.
CONTROL INPUTS:
Shift Clock - Shift Register Clock Input. A low-to-
high transition on this input causes the data at the
Serial Input pin to be shifted into the 8-bit shift
register.
Reset - Active-low, Asynchronous, Shift Register
Reset Input. A low on this pin resets the shift
register portion of this device only. The 8-bit latch
is not affected.
Latch Clock - Storage Latch Clock Input. A low-to-
high transition on this input latches the shift
register data.
Output Enable - Active-Low Output Enable. A low
on this input allows the data from the latches to
bepresented at the outputs. A high on this input
forces the outputs (QA-QH) into the high-impedance
state. The serial output is not affected by this
control unit.
OUTPUTS:
QA-QH - Noninverted, 3-state, latch outputs.
SQH - Voninverted, Serial Data Output. This is the
output of the eighth stage of the 8-bit shift register.
This output does not have three-state capability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com