Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL74HC
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL74HC Datasheet HTML 1Page - System Logic Semiconductor SL74HC Datasheet HTML 2Page - System Logic Semiconductor SL74HC Datasheet HTML 3Page - System Logic Semiconductor SL74HC Datasheet HTML 4Page - System Logic Semiconductor SL74HC Datasheet HTML 5Page - System Logic Semiconductor SL74HC Datasheet HTML 6Page - System Logic Semiconductor SL74HC Datasheet HTML 7Page - System Logic Semiconductor SL74HC Datasheet HTML 8Page - System Logic Semiconductor SL74HC Datasheet HTML 9Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SL74HC595
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85
°C
≤125
°C
Unit
fmax
Minimum Clock Frequency (50% Duty Cycle)
(Figures 1and 7)
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Shift Clock to SQH
(Figures 1and 7)
2.0
4.5
6.0
140
28
24
175
35
30
210
42
36
ns
tPHL
Maximum Propagation Delay , Reset to SQH
(Figures 2 and 7)
2.0
4.5
6.0
145
29
25
180
36
31
220
44
38
ns
tPLH, tPHL
Maximum Propagation Delay , Latch Clock to QA-
QH (Figures 3 and 7)
2.0
4.5
6.0
140
28
24
175
35
30
210
42
36
ns
tPLZ, tPHZ
Maximum Propagation Delay , Output Enable to
QA-QH (Figures 4 and 8)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZL, tPZH
Maximum Propagation Delay , Output Enable to
QA-QH (Figures 4 and 8)
2.0
4.5
6.0
135
27
23
170
34
29
205
41
35
ns
tTLH, tTHL
Maximum Output Transition Time, QA-QH (Figures
3 and 7)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tTLH, tTHL
Maximum Output Transition Time, SQH
(Figures 1 and 7)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State), QA-QH
-
15
15
15
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
300
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com