Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220TPZPQ1 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 25Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 26Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 27Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 28Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 29Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 30Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 31Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 32Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Real-Time Clock Alarm
GPIO
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Invalid combinations of rtc_day and rtc_month (trying to set February 30, for example) cause unpredictable
behavior and should be avoided. The February 28/29 rollover variation based on leap year is automatically
corrected for.
The RTC defaults to operate in 12-hour plus AM/PM mode. To operate in 24-hour mode (where the AM/PM bits
are disabled) set rtc_mode to 1. Care must be taken when switching between AM/PM mode and 24-hour mode
to avoid setting the time to a invalid value. See Figure 18 and Figure 19 for the proper procedures.
The real-time clock alarm function can be used to generate an interrupt (or a wakeup interrupt) at a
pre-programmed time. If the appropriate bit in an interrupt enable register is set, an interrupt will be generated
when the values in the RTC time registers become equal to the values in the RTC alarm registers. The register
settings are shown in Table 15.
Table 15. RTC Alarm Control Register Settings
PARAMETER
ADDRESS
BITS
rtc_seconds_alarm[6:0]
67
6:0
rtc_minutes_alarm[6:0]
68
6:0
rtc_hours_alarm[5:0]
69
5:0
rtc_ampm_alarm
69
7
rtc_day_alarm[5:0]
70
5:0
rtc_month_arlarm[4:0]
71
4:0
rtc_year_alarm[7:0]
72
7:0
Eight general-purpose I/O pins are provided, labeled GPIO0 through GPIO7. The direction of the eight GPIO pins
can be independently set through control variable gpio_oe(7:0). A pin is an input if the corresponding bit of
gpio_oe is 0; a pin is an output if the corresponding bit of gpio_oe is 1.
The control variable gpio(7:0) serves different functions, depending on whether it is read from or written to. A
read operation from gpio returns the logic state of the eight GPIO pins regardless of their direction. A write to
gpio sets the output state of the GPIO pins if they are configured as outputs; there is no effect if the pin is
configured as an input. Note that the write value of gpio is stored in a register, so that if a GPIO pin is changed
from an input to an output its logic state is set by the stored value of gpio. Table 18 shows the gpio control
variable settings.
The GPIO inputs can be optionally debounced if an RTC oscillator is running. Debouncing is controlled by
gpio_delay, which is divided into eight 2-bit fields, each controlling a particular GPIO input according to Table 16.
Table 16. gpio_delay
[15:14]
[13:12]
[11:10]
[9:8]
[7:6]
[5:4]
[3:2]
[1:0]
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com