Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC623D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC623D
Description  Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC623D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC623D Datasheet HTML 1Page - System Logic Semiconductor SL74HC623D Datasheet HTML 2Page - System Logic Semiconductor SL74HC623D Datasheet HTML 3Page - System Logic Semiconductor SL74HC623D Datasheet HTML 4Page - System Logic Semiconductor SL74HC623D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC623
System Logic
Semiconductor
SLS
Octal 3-State Noninverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The SL74HC623 is identical in pinout to the LS/ALS623. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC623 is a 3-state noninverting transceiver that is used
for 2-way communication between data buses. Two separate enables
are available. The enable for bus A to B is active-high, the enable for
bus B to A is active-low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC623N Plastic
SL74HC623D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to Bus
A
L
H
Data Transmitted
from Bus A to Bus
B
H
L
Buses Isolated
L
H
(High Impedance
State)
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC623D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC620 SLS-SL74HC620 Datasheet
49Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
SL74HC620D SLS-SL74HC620D Datasheet
49Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
SL74HC620N SLS-SL74HC620N Datasheet
49Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HC623D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT245 SLS-SL74HCT245 Datasheet
50Kb / 5P
Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74AC623 KODENSHI-KK74AC623 Datasheet
292Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT623 KODENSHI-KK74ACT623 Datasheet
290Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74HC245A KODENSHI-KK74HC245A Datasheet
232Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
KK74HC623A KODENSHI-KK74HC623A Datasheet
234Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
KK74HCT245A KODENSHI-KK74HCT245A Datasheet
240Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC245A IKSEMICON-IN74HC245A Datasheet
220Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74HC623A IKSEMICON-IN74HC623A Datasheet
171Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74HCT245A IKSEMICON-IN74HCT245A Datasheet
214Kb / 7P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74AC623 IKSEMICON-IN74AC623 Datasheet
227Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com