Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AM-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26LS32AM-EP
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32AM-EP Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS32AM-EP Datasheet HTML 1Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 2Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 3Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 4Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 5Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 6Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 7Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 8Page - Texas Instruments AM26LS32AM-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
AM26LS32AM-EP
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS730 – OCTOBER 2006
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIC
Common-mode input voltage
±7
V
IOH
High-level output current
–440
µA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
–55
125
°C
over recommended ranges of V
CC, VIC, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going
VIT+
VO = VOH min, IOH = –440 µA
0.2
V
input threshhold voltage
Negative-going
VIT–
VO = 0.45 V, IOL = 8 mA
–0.2(2)
V
input threshhold voltage
Hysteresis voltage
Vhys
50
mV
(VIT+ – VIT–)
VIK
Enable-input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN, VID = 1 V, VI(G) = 0.8 V, IOH = –440 µA
2.5
V
IOL = 4 mA
0.4
VCC = MIN, VID = –1 V,
VOL
Low-level output voltage
V
VI(G) = 0.8 V
IOL = 8 mA
0.45
Off-state
VO = 2.4 V
20
IOZ
(high-impedance state)
VCC = MAX
µA
VO = 0.4 V
–20
output current
VI = 15 V,
Other input at –10 V to 15 V
1.2
II
Line input current
mA
VI = –15 V,
Other input at –15 V to 10 V
–1.7
II(EN)
Enable input current
VI = 5.5 V
100
µA
IIH
High-level enable current
VI = 2.7 V
20
µA
IIL
Low-level enable current
VI = 0.4 V
–0.36
mA
rI
Input resistance
VIC = –15 V to 15 V,
One input to ac ground
12
15
k
Ω
IOS
Short-circuit output current(3)
VCC = MAX
–15
–85
mA
ICC
Supply current
VCC = MAX,
All outputs disabled
52
70
mA
(1)
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for
threshold levels only.
(3)
Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com