Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33A-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS33A-SP
Description  QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS33A-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26LS33A-SP Datasheet HTML 3Page - Texas Instruments AM26LS33A-SP Datasheet HTML 4Page - Texas Instruments AM26LS33A-SP Datasheet HTML 5Page - Texas Instruments AM26LS33A-SP Datasheet HTML 6Page - Texas Instruments AM26LS33A-SP Datasheet HTML 7Page - Texas Instruments AM26LS33A-SP Datasheet HTML 8Page - Texas Instruments AM26LS33A-SP Datasheet HTML 9Page - Texas Instruments AM26LS33A-SP Datasheet HTML 10Page - Texas Instruments AM26LS33A-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Free-AirTemperature,T (
A °C)
I
= 440 A
OH
–
High-LevelOutputCurrent,I
(mA)
OH
Low-LevelOutputCurrent,I
(mA)
OL
Free-AirTemperature,T ( C)
A °
AM26LS33A-SP
www.ti.com
SLLSE22 – FEBRUARY 2010
TYPICAL CHARACTERISTICS
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AM26LS33A-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com