Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1802 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 17Page - Texas Instruments AM1802 Datasheet HTML 18Page - Texas Instruments AM1802 Datasheet HTML 19Page - Texas Instruments AM1802 Datasheet HTML 20Page - Texas Instruments AM1802 Datasheet HTML 21Page - Texas Instruments AM1802 Datasheet HTML 22Page - Texas Instruments AM1802 Datasheet HTML 23Page - Texas Instruments AM1802 Datasheet HTML 24Page - Texas Instruments AM1802 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
Table 2-8. DDR2 Controller (DDR2) Terminal Functions (continued)
SIGNAL
TYPE(1)
PULL(2)
DESCRIPTION
NAME
NO.
DDR_DQS[0]
T14
I/O
IPD
DDR2 data strobe inputs/outputs
DDR_DQS[1]
V11
I/O
IPD
DDR_BA[2]
U8
O
IPD
DDR_BA[1]
T9
O
IPD
DDR2 SDRAM bank address
DDR_BA[0]
V8
O
IPD
DDR2 loopback signal for external DQS gating.
DDR_DQGATE0
R11
O
IPD
Route to DDR and back to DDR_DQGATE1 with
same constraints as used for DDR clock and data.
DDR2 loopback signal for external DQS gating.
DDR_DQGATE1
R12
I
IPD
Route to DDR and back to DDR_DQGATE0 with
same constraints as used for DDR clock and data.
DDR2 reference output for drive strength calibration
DDR_ZP
U12
O
—
of N and P channel outputs. Tie to ground via 50
ohm resistor @ 5% tolerance.
DDR voltage input for the DDR2/mDDR I/O buffers.
DDR_VREF
R6
I
—
Note even in the case of mDDR an external resistor
divider connected to this pin is necessary.
N10, P10, N9,
P9, R9, P8,
DDR_DVDD18
PWR
—
DDR PHY 1.8V power supply pins
R8, P7, R7,
N6
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com