Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC75 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC75
Description  Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC75 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC75 Datasheet HTML 1Page - System Logic Semiconductor SL74HC75 Datasheet HTML 2Page - System Logic Semiconductor SL74HC75 Datasheet HTML 3Page - System Logic Semiconductor SL74HC75 Datasheet HTML 4Page - System Logic Semiconductor SL74HC75 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC75
System Logic
Semiconductor
SLS
Dual 2-Bit Transparent Latch
High-Performance Silicon-Gate CMOS
The SL74HC75 is identical in pinout to the LS/ALS75. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of two independent 2-bit transparent latches
and can be used as temporary storage for binary information between
processing units and input/output or indicator units. Each latch stores
the input data while Latch Enable is at a logic low. The outputs follow
the data inputs when Latch Enable is at a logic high.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC75N Plastic
SL74HC75D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
D
Latch
Enable
Q
Q
L
H
L
H
H
H
H
L
X
L
Q0
Q0
X = Don’t Care
Q0 = latched data
LOGIC DIAGRAM
PIN 5=VCC
PIN 12 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC75

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
SL74HC74D SLS-SL74HC74D Datasheet
51Kb / 5P
Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
SL74HC74N SLS-SL74HC74N Datasheet
51Kb / 5P
Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HC75

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC573 SLS-SL74HC573 Datasheet
53Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC373A INTEGRAL-IN74HC373A Datasheet
117Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74HC75A KODENSHI-KK74HC75A Datasheet
230Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC573A IKSEMICON-IN74HC573A Datasheet
266Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT573A IKSEMICON-IN74HCT573A Datasheet
237Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74ACT573 IKSEMICON-IN74ACT573 Datasheet
341Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com