Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC86D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC86D
Description  Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC86D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC86D Datasheet HTML 1Page - System Logic Semiconductor SL74HC86D Datasheet HTML 2Page - System Logic Semiconductor SL74HC86D Datasheet HTML 3Page - System Logic Semiconductor SL74HC86D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HC86
System Logic
Semiconductor
SLS
Quad 2-Input Exclusive OR Gate
High-Performance Silicon-Gate CMOS
The SL74HC86 is identical in pinout to the LS/ALS86. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC86N Plastic
SL74HC86D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
H
L
L
L
H
H
L
H
H
H
L


Similar Part No. - SL74HC86D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC SLS-SL74HC Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
SL74HC SLS-SL74HC Datasheet
47Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
SL74HC SLS-SL74HC Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
SL74HC00 SLS-SL74HC00 Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
SL74HC00D SLS-SL74HC00D Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
More results

Similar Description - SL74HC86D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT86 SLS-SL74HCT86 Datasheet
34Kb / 4P
Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
IN74HC86 INTEGRAL-IN74HC86 Datasheet
71Kb / 4P
Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC86 KODENSHI-KK74AC86 Datasheet
210Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74ACT86 KODENSHI-KK74ACT86 Datasheet
209Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
KK74HCT86A KODENSHI-KK74HCT86A Datasheet
194Kb / 5P
Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT86A IKSEMICON-IN74HCT86A Datasheet
180Kb / 5P
Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
IN74ACT86 IKSEMICON-IN74ACT86 Datasheet
149Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com