Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT02N Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT02N
Description  Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT02N Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT02N Datasheet HTML 1Page - System Logic Semiconductor SL74HCT02N Datasheet HTML 2Page - System Logic Semiconductor SL74HCT02N Datasheet HTML 3Page - System Logic Semiconductor SL74HCT02N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HCT02
System Logic
Semiconductor
SLS
Quad 2-Input NOR Gate
High-Performance Silicon-Gate CMOS
The SL74HCT02 is identical in pinout to the LS/ALS02. The
SL74HCT02 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT02N Plastic
SL74HCT02D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L


Similar Part No. - SL74HCT02N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00D SLS-SL74HCT00D Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00N SLS-SL74HCT00N Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
Hex Inverter(High-Performance Silicon-Gate CMOS)
SL74HCT04D SLS-SL74HCT04D Datasheet
33Kb / 4P
Hex Inverter(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT02N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74HCT02AD INTEGRAL-IN74HCT02AD Datasheet
73Kb / 4P
Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC02A MOTOROLA-MC54HC02A Datasheet
98Kb / 7P
QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com