Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT652 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT652
Description  BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT652 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT652 Datasheet HTML 1Page - Texas Instruments CD74FCT652 Datasheet HTML 2Page - Texas Instruments CD74FCT652 Datasheet HTML 3Page - Texas Instruments CD74FCT652 Datasheet HTML 4Page - Texas Instruments CD74FCT652 Datasheet HTML 5Page - Texas Instruments CD74FCT652 Datasheet HTML 6Page - Texas Instruments CD74FCT652 Datasheet HTML 7Page - Texas Instruments CD74FCT652 Datasheet HTML 8Page - Texas Instruments CD74FCT652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD74FCT652
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCBS734A – JULY 2000 – REVISED JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Multiplexed Real-Time and Stored Data
D Package Options Include Plastic
Small-Outline (M) Package and Standard
Plastic (EN) DIP
description
The CD74FCT652 is an octal bus transceiver and resistor with 3-state outputs. It consists of D-type flip-flops
and control circuitry, arranged for multiplexed transmission of data directly from the data bus or from the internal
storage registers. Output-enable (OEAB and OEBA) inputs control the transceiver functions. The select-control
(SAB and SBA) inputs select real-time-data or stored-data transfer. A low-input level selects real-time data, and
a high-input level selects stored data. The select-control circuitry eliminates the typical decoding glitch that
occurs in a multiplexer during the transition between stored data and real-time data.
The device uses a small-geometry BiCMOS technology. The output stage is a combination of bipolar and CMOS
transistors that limits the output high level to two diode drops below VCC. This resultant lowering of output swing
(0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes VCC
bounce and ground bounce and their effects during simultaneous output switching. The output configuration
also enhances switching speed and is capable of sinking 64 mA.
Data on the A or B data bus, or both, can be stored in the internal D-type flip-flop by low-to-high transitions at
the appropriate clock terminal (CLKAB and CLKBA), regardless of the state of the select or enable control
terminals. When SAB and SBA are in the real-time-transfer mode, it also is possible to store data without using
the internal D-type flip-flop by simultaneously enabling OEAB and OEBA. In this configuration, each output
reinforces its input. Thus, when all other data sources to the two sets of bus lines are at high impedance, each
set of bus lines remains at its last state.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver
(B to A). OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the driver (A to B).
The CD74FCT652 is characterized for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EN OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLKAB
SAB
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OEBA
B1
B2
B3
B4
B5
B6
B7
B8


Similar Part No. - CD74FCT652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT652EN TI1-CD74FCT652EN Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT652M TI1-CD74FCT652M Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
More results

Similar Description - CD74FCT652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT245 TI1-CD74FCT245_16 Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT646 TI1-CD74FCT646_14 Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT2952A TI1-CD74FCT2952A Datasheet
160Kb / 9P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com