Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT652M Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74FCT652M
Description  BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT652M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74FCT652M Datasheet HTML 3Page - Texas Instruments CD74FCT652M Datasheet HTML 4Page - Texas Instruments CD74FCT652M Datasheet HTML 5Page - Texas Instruments CD74FCT652M Datasheet HTML 6Page - Texas Instruments CD74FCT652M Datasheet HTML 7Page - Texas Instruments CD74FCT652M Datasheet HTML 8Page - Texas Instruments CD74FCT652M Datasheet HTML 9Page - Texas Instruments CD74FCT652M Datasheet HTML 10Page - Texas Instruments CD74FCT652M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CD74FCT652
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCBS734A – JULY 2000 – REVISED JULY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating temperature conditions (unless otherwise
noted) (see Figure 2)
MIN
MAX
UNIT
fclock
Clock frequency
85
MHz
tw
Pulse duration
CLK high or low
6
ns
tsu
Setup time
A before CLKAB
↑ or B before CLKBA↑
4
ns
th
Hold time
A after CLKAB
↑ or B after CLKBA↑
2
ns
switching characteristics over recommended operating temperature conditions (unless otherwise
noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
fmax
85
MHz
A or B
B or A
6.8
2
9
tpd
CLKBA or CLKAB
A or B
6.8
2
9
ns
SBA or SAB†
A or B
8.3
2
11
ten
OE
A or B
7.5
2
10
ns
tdis
OE
A or B
7.5
2
10
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com