Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT652M Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74FCT652M
Description  BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT652M Datasheet(HTML) 2 Page - Texas Instruments

  CD74FCT652M Datasheet HTML 1Page - Texas Instruments CD74FCT652M Datasheet HTML 2Page - Texas Instruments CD74FCT652M Datasheet HTML 3Page - Texas Instruments CD74FCT652M Datasheet HTML 4Page - Texas Instruments CD74FCT652M Datasheet HTML 5Page - Texas Instruments CD74FCT652M Datasheet HTML 6Page - Texas Instruments CD74FCT652M Datasheet HTML 7Page - Texas Instruments CD74FCT652M Datasheet HTML 8Page - Texas Instruments CD74FCT652M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8-2
Functional Diagram
TRUTH TABLE
INPUTS
DATA I/O
OPERATION OR FUNCTION
OEAB OEBA
CAB
CBA
SAB
SBA
A0 THRU A7
B0 THRU B7
CD74FCT651
CD74FCT652
L
L
H
H
H or L
↑
H or L
↑
X
X
X
X
Input
Input
Input
Input
Isolation (Note 1)
Store A and B Data
Isolation (Note 1)
Store A and B Data
X
H
H
H
↑
↑
H or L
↑
X
X (3)
X
X
Input
Input
Unspecified (2)
Output
Store A, Hold B
Store A in both registers
Store A, Hold B
Store A in both registers
L
L
X
L
H or L
↑
↑
↑
X
X
X
X (3)
Unspecified (2)
Output
Input
Input
Hold A, Store B
Store B in both registers
Hold A, Store B
Store B in both registers
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Output
Input
Input
Real-Time B Data to A Bus
Stored B Data to A Bus
Real-Time B Data to A Bus
Stored B Data to A Bus
H
H
H
H
X
H or L
X
X
L
H
X
X
Input
Input
Output
Output
Real-Time A Data to B Bus
Stored A Data to B Bus
Real-Time A Data to B Bus
Stored A Data to B Bus
H
L
H or L H or L
H
H
Output
Output
Stored A Data to B Bus
Stored B Data to A Bus
Stored A Data to B Bus
Stored B Data to A Bus
NOTES:
1. To prevent excess currents in the High-Z (isolation) modes, all I/O terminals should be terminated with 10k
Ω to 1MΩ resistors.
2. The data output functions may be enabled or disabled by various signals at the OEAB or OEBA inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every low-to-high transition on the clock inputs.
3. Select control = L; clocks can occur simultaneously. Select control = H; clocks must be staggered in order to load both registers.
4
5
6
7
8
9
10
11
20
19
18
17
16
15
14
13
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
A3
A4
A5
A6
A7
B DATA PORT
A DATA PORT
OEBA
OEAB
CAB CLOCK
CBA CLOCK
21
3
1
23
2
22
SAB SOURCE
SBA SOURCE
DATA SOURCE
SELECTION
INPUTS
FLIP-FLOP
CLOCKS
GND = PIN 12
VCC = PIN 24
CD74FCT651, CD74FCT652



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com