Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT08N Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT08N
Description  Quad 2-Input AND Gate(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT08N Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT08N Datasheet HTML 1Page - System Logic Semiconductor SL74HCT08N Datasheet HTML 2Page - System Logic Semiconductor SL74HCT08N Datasheet HTML 3Page - System Logic Semiconductor SL74HCT08N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HCT08
System Logic
Semiconductor
SLS
Quad 2-Input AND Gate
High-Performance Silicon-Gate CMOS
The SL74HCT08 may be used as a level converter for intertacing
TTL or NMOS outputs to high-speed CMOS inputs.
The SL74HCT08 is identical in pinout to the LS/ALS08.
• TTL/NMOS-Compatible Input Levels.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT08N Plastic
SL74HCT08D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H


Similar Part No. - SL74HCT08N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00D SLS-SL74HCT00D Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00N SLS-SL74HCT00N Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT02 SLS-SL74HCT02 Datasheet
33Kb / 4P
Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
SL74HCT02D SLS-SL74HCT02D Datasheet
33Kb / 4P
Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT08N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT02AD INTEGRAL-IN74HCT02AD Datasheet
73Kb / 4P
Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC02A MOTOROLA-MC54HC02A Datasheet
98Kb / 7P
QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK74HCT08A KODENSHI-KK74HCT08A Datasheet
193Kb / 5P
Quad 2-Input AND Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC32A IKSEMICON-IN74HC32A Datasheet
186Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
IN74HCT32A IKSEMICON-IN74HCT32A Datasheet
181Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com