Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC209DBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC209DBLE
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC209DBLE Datasheet(HTML) 5 Page - Texas Instruments

  CDC209DBLE Datasheet HTML 1Page - Texas Instruments CDC209DBLE Datasheet HTML 2Page - Texas Instruments CDC209DBLE Datasheet HTML 3Page - Texas Instruments CDC209DBLE Datasheet HTML 4Page - Texas Instruments CDC209DBLE Datasheet HTML 5Page - Texas Instruments CDC209DBLE Datasheet HTML 6Page - Texas Instruments CDC209DBLE Datasheet HTML 7Page - Texas Instruments CDC209DBLE Datasheet HTML 8Page - Texas Instruments CDC209DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CDC209, CDC209–7
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS
WITH 3-STATE OUTPUTS
SCAS108D – MARCH 1990 – REVISED MAY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA†
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time low to high level
1A and 2A
Any Y
25
°C
4.8
11.1
13.1
ns
tPLH
Propagation delay time, low-to-high level
1A and 2A
Any Y
Full range
4.8
14.6
ns
tPHL
Propagation delay time high to low level
1A and 2A
Any Y
25
°C
5.1
12.2
14.3
ns
tPHL
Propagation delay time, high-to-low level
1A and 2A
Any Y
Full range
5.1
15.6
ns
tPLH
Propagation delay time low to high level
1OE1, 1OE2, and
Any Y
25
°C
5.2
11.9
14.2
ns
tPLH
Propagation delay time, low-to-high level
,,
2OE1, 2OE2
Any Y
Full range
5.2
15.8
ns
tPHL
Propagation delay time high to low level
1OE1, 1OE2, and
Any Y
25
°C
7.8
13.3
15.7
ns
tPHL
Propagation delay time, high-to-low level
,,
2OE1, 2OE2
Any Y
Full range
7.8
17.4
ns
tPZH
Enable time to the high level
1OE2 or 2OE2
Any Y
25
°C
5.1
11.8
14.2
ns
tPZH
Enable time to the high level
1OE2 or 2OE2
Any Y
Full range
5.1
15.7
ns
tPZL
Enable time to the low level
1OE1 or 2OE1
Any Y
25
°C
6.8
16.3
19.5
ns
tPZL
Enable time to the low level
1OE1 or 2OE1
Any Y
Full range
6.8
22.8
ns
tPHZ
Disable time from the high level
1OE2 or 2OE2
Any Y
25
°C
3.4
6.9
8.6
ns
tPHZ
Disable time from the high level
1OE2 or 2OE2
Any Y
Full range
3.4
9.2
ns
tPLZ
Disable time from the low level
1OE1 or 2OE1
Any Y
25
°C
4.1
7.5
9.4
ns
tPLZ
Disable time from the low level
1OE1 or 2OE1
Any Y
Full range
4.1
10.2
ns
† Full range is TA = –40°C to 85°C.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA†
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time low to high level
1A and 2A
Any Y
25
°C
4.2
5.5
9
ns
tPLH
Propagation delay time, low-to-high level
1A and 2A
Any Y
Full range
4.2
9.9
ns
tPHL
Propagation delay time high to low level
1A and 2A
Any Y
25
°C
4.2
7
9.3
ns
tPHL
Propagation delay time, high-to-low level
1A and 2A
Any Y
Full range
4.2
10.1
ns
tPLH
Propagation delay time low to high level
1OE1, 1OE2, and
Any Y
25
°C
4.6
7.3
9.6
ns
tPLH
Propagation delay time, low-to-high level
,,
2OE1, 2OE2
Any Y
Full range
4.6
10.7
ns
tPHL
Propagation delay time high to low level
1OE1, 1OE2, and
Any Y
25
°C
4.8
7.7
10.2
ns
tPHL
Propagation delay time, high-to-low level
,,
2OE1, 2OE2
Any Y
Full range
4.8
11
ns
tPZH
Enable time to the high level
1OE2 or 2OE2
Any Y
25
°C
4.3
7.2
9.4
ns
tPZH
Enable time to the high level
1OE2 or 2OE2
Any Y
Full range
4.3
4
ns
tPZL
Enable time to the low level
1OE1 or 2OE1
Any Y
25
°C
5.3
9
12.2
ns
tPZL
Enable time to the low level
1OE1 or 2OE1
Any Y
Full range
5.3
13.5
ns
tPHZ
Disable time from the high level
1OE2 or 2OE2
Any Y
25
°C
3
5.4
7.5
ns
tPHZ
Disable time from the high level
1OE2 or 2OE2
Any Y
Full range
3
8
ns
tPLZ
Disable time from the low level
1OE1 or 2OE1
Any Y
25
°C
3.7
5.7
7.5
ns
tPLZ
Disable time from the low level
1OE1 or 2OE1
Any Y
Full range
3.7
8.2
ns
† Full range is TA = –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com