Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT10 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HCT10
Description  Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HCT10 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HCT10 Datasheet HTML 1Page - System Logic Semiconductor HCT10 Datasheet HTML 2Page - System Logic Semiconductor HCT10 Datasheet HTML 3Page - System Logic Semiconductor HCT10 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HCT10
System Logic
Semiconductor
SLS
Triple 3-Input NAND Gate
High-Performance Silicon-Gate CMOS
The SL74HCT10 is identical in pinout to the LS/ALS10. The
SL74HCT10 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT10N Plastic
SL74HCT10D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X = don’t care


Similar Part No. - HCT10

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HCT100-CIRC-OL PREMO-HCT100-CIRC-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
HCT100-REC1-OL PREMO-HCT100-REC1-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
HCT100-REC2-OL PREMO-HCT100-REC2-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
HCT100-SPLT-OL PREMO-HCT100-SPLT-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
More results

Similar Description - HCT10

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC4075 MOTOROLA-MC74HC4075 Datasheet
71Kb / 4P
TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC11 KODENSHI-KK74AC11 Datasheet
231Kb / 5P
Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74HC10A KODENSHI-KK74HC10A Datasheet
193Kb / 5P
Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC10 MOTOROLA-MC74HC10 Datasheet
141Kb / 4P
Triple 3-lnput NAND Gate Higt-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com