Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236BLS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1236BLS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236BLS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1236BLS8 Datasheet HTML 1Page - Linear Technology LT1236BLS8 Datasheet HTML 2Page - Linear Technology LT1236BLS8 Datasheet HTML 3Page - Linear Technology LT1236BLS8 Datasheet HTML 4Page - Linear Technology LT1236BLS8 Datasheet HTML 5Page - Linear Technology LT1236BLS8 Datasheet HTML 6Page - Linear Technology LT1236BLS8 Datasheet HTML 7Page - Linear Technology LT1236BLS8 Datasheet HTML 8Page - Linear Technology LT1236BLS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1236LS8
2
1236ls8f
absoluTe MaxiMuM raTings
Input Voltage.............................................................40V
Input/Output Voltage Differential ..............................35V
Trim Pin-to-Ground Voltage
Positive................................................. Equal to VOUT
Negative..............................................................–20V
Output Short-Circuit Duration
VIN = 35V..........................................................10 sec
VIN ≤ 20V..................................................... Indefinite
Operating Temperature Range .................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
pin conFiguraTion
1
2
3
NC*
VIN
NC*
7
6
5
NC*
VOUT
TRIM**
4
GND
8
NC*
TOP VIEW
LS8 PACKAGE
8-PIN LEADLESS CHIP CARRIER (5mm
× 5mm)
CONNECTED INTERNALLY.
D0 NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
SEE APPLICATIONS
INFORMATION SECTION
*
**
TJMAX = 125°C, θJA = 120°C/W
PACKAGE LID IS GND
orDer inForMaTion
PARAMETER
CONDITIONS
LT1236LS8-5
UNITS
MIN
TYP
MAX
Output Voltage (Note 2)
LT1236ALS8
LT1236BLS8
4.9975
4.9950
5.000
5.000
5.0025
5.0050
V
V
Output Voltage Temperature Coefficient (Note 3)
LT1236ALS8
LT1236BLS8
2
5
5
10
ppm/°C
ppm/°C
Line Regulation (Note 4)
7.2V ≤ VIN ≤ 10V
10V ≤ VIN ≤ 40V
l
l
4
2
12
20
6
10
ppm/V
ppm/V
ppm/V
ppm/V
Load Regulation (Sourcing Current)
(Note 4)
0 ≤ IOUT ≤ 10mA
l
15
25
40
ppm/mA
ppm/mA
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, IOUT = 0, unless otherwise noted.
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1236AILS8-5#PBF†
12365
8-Lead Ceramic LCC 5mm
× 5mm
–40°C to 85°C
LT1236BILS8-5#PBF†
12365
8-Lead Ceramic LCC 5mm
× 5mm
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
†This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com