Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137WYCPZ-R7 Datasheet(PDF) 11 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137WYCPZ-R7
Description  Low Cost, Low Power, Differential ADC Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137WYCPZ-R7 Datasheet(HTML) 11 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137WYCPZ-R7 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8137WYCPZ-R7 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD8137
Rev. E | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, differential gain = 1, RG = RF = RL,dm = 1 kΩ, VS = 5 V, TA = 25°C, VOCM = 2.5V. Refer to the basic test circuit in
Figure 60 for the definition of terms.
RG = 1kΩ
VO, dm = 0.1V p-p
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 5
G = 10
G = 1
G = 2
Figure 5. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
–12
1
10
100
1000
VS = ±5
VS = +5
VS = +3
3
2
1
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
VO, dm = 0.1V p-p
Figure 6. Small Signal Frequency Response for Various Power Supplies
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
1
10
100
1000
VO, dm = 0.1V p-p
T = –40°C
T = +125°C
T = +85°C
T = +25°C
Figure 7. Small Signal Frequency Response at Various Temperatures
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 10
G = 1
G = 2
G = 5
RG = 1kΩ
VO, dm = 2.0V p-p
Figure 8. Large Signal Frequency Response for Various Gains
FREQUENCY (MHz)
4
3
2
1
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
1
10
100
1000
VO, dm = 2.0V p-p
VS = ±5
VS = +5
VS = +3
Figure 9. Large Signal Frequency Response for Various Power Supplies
FREQUENCY (MHz)
4
3
2
1
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1000
T = +85°C
T = +125°C
T = –40°C
T = +25°C
VO, dm = 2.0V p-p
Figure 10. Large Signal Frequency Response at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com