Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005-SP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 39 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 33Page - Texas Instruments CDCM7005-SP Datasheet HTML 34Page - Texas Instruments CDCM7005-SP Datasheet HTML 35Page - Texas Instruments CDCM7005-SP Datasheet HTML 36Page - Texas Instruments CDCM7005-SP Datasheet HTML 37Page - Texas Instruments CDCM7005-SP Datasheet HTML 38Page - Texas Instruments CDCM7005-SP Datasheet HTML 39Page - Texas Instruments CDCM7005-SP Datasheet HTML 40Page - Texas Instruments CDCM7005-SP Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
CDCM7005-SP
www.ti.com
SGLS390E – JULY 2009 – REVISED AUGUST 2012
Changes from Revision B (December 2009) to Revision C
Page
•
Changed the VCC pin text - From: There is no internal connection between VCC and AVCC To: VCC and AVCC should
always have same supply voltage ........................................................................................................................................ 4
•
Added to the CTRL_LE - Unused or floating inputs must be tied to proper logic level. It is recommended to use a
20-k
Ω or larger pullup resistor to VCC ................................................................................................................................. 4
•
Added to the CTRL_CLK pin - Unused or floating inputs must be tied to proper logic level. It is recommended to use
a 20-k
Ω or larger pullup resistor to VCC .............................................................................................................................. 4
•
Added to the CTRL_DATA pin - Unused or floating inputs must be tied to proper logic level. It is recommended to
use a 20-k
Ω or larger pullup resistor to VCC ........................................................................................................................ 4
•
Added to the PD pin text - It is recommended to ramp up the... .......................................................................................... 4
•
Added to the SPI CONTROL INTERFACE section - Unused or floating inputs must be tied to proper logic level. It is
recommended to use a 20-k
Ω or larger pullup resistor to VCC ......................................................................................... 17
•
Added to the SPI CONTROL INTERFACE section - It is recommended to program Word 0, Word 1, Word 2 and
Word 3 right after power up and PD becomes HIGH ......................................................................................................... 18
•
Changed bit 16 from RES to GTME ................................................................................................................................... 22
•
Changed bit 28 from RES to PFDFC .................................................................................................................................. 22
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :CDCM7005-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com