Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8274ARZ-R7 Datasheet(PDF) 14 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8274ARZ-R7
Description  Very Low Distortion, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8274ARZ-R7 Datasheet(HTML) 14 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8274ARZ-R7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation AD8274ARZ-R7 Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8274
Rev. C | Page 14 of 16
DRIVING CABLING
Because the AD8274 can drive large voltages at high output
currents and slew rates, it makes an excellent cable driver. It is
good practice to put a small value resistor between the AD8274
output and cable, since capacitance in the cable can cause peaking
or instability in the output response. A resistance of 20 Ω or higher
is recommended.
AD8274
R ≥ 20Ω
Figure 48. Driving Cabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com