Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT153 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT153
Description  Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT153 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT153 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT153 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT153 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT153 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT153 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT153
System Logic
Semiconductor
SLS
Dual 4-Input Data Selector/Multiplexer
High-Performance Silicon-Gate CMOS
The SL74HCT153 is identical in pinout to the LS/ALS153. The
SL74HCT153 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The Address Inputs select one of four Data Inputs from each
multiplexer. Each multiplexer has an active-low Strobe control and a
noninverting output.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
O
RDERING INFORMATION
SL74HCT153N Plastic
SL74HCT153D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
A1
A0
Strobe
Y
X
X
H
L
L
L
L
D0
L
H
L
D1
H
L
L
D2
H
H
L
D3
D0,D1...D3=the level of the respective
Data Input
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT153

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT157 SLS-SL74HCT157 Datasheet
44Kb / 5P
Quad 2-Input Data Selectors/Multiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT157D SLS-SL74HCT157D Datasheet
44Kb / 5P
Quad 2-Input Data Selectors/Multiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT157N SLS-SL74HCT157N Datasheet
44Kb / 5P
Quad 2-Input Data Selectors/Multiplexer(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT153

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT153 KODENSHI-KK74ACT153 Datasheet
318Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74HC151A KODENSHI-KK74HC151A Datasheet
237Kb / 6P
8-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
KK74HC153A KODENSHI-KK74HC153A Datasheet
182Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
KK74HCT153A KODENSHI-KK74HCT153A Datasheet
231Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC151A IKSEMICON-IN74HC151A Datasheet
223Kb / 6P
8-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
IN74HC153A IKSEMICON-IN74HC153A Datasheet
217Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
IN74HCT153A IKSEMICON-IN74HCT153A Datasheet
217Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT153 IKSEMICON-IN74ACT153 Datasheet
228Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com