Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8275ARMZ-R7 Datasheet(PDF) 15 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8275ARMZ-R7
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8275ARMZ-R7 Datasheet(HTML) 15 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8275ARMZ-R7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation AD8275ARMZ-R7 Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8275
Rev. A | Page 15 of 16
INCREASING INPUT IMPEDANCE
In applications where a high input impedance is needed, low
input bias current op amps can be used to buffer the AD8275.
In Figure 41, an AD8620 is used to provide high input imped-
ance. Input bias current is limited to 10 pA.
AD8275
7
4
5
6
8
1
2
1
3
2
7
6
5
4
8
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
10k
Ω
3
–IN
1/2
2/2
+IN
REF2
VREF
REF1
–VS
–13V
0.1µF
0.1µF
+VS
+5V
+13V
OUT
VOUT
SENSE
INVERTING
INPUT
NON-
INVERTING
INPUT
AD8620
AD8620
Figure 41. Adding Op Amp Buffers for High Input Impedance
AC COUPLING
An integrator can be tied to the AD8275 in feedback to create a
high-pass filter as shown in Figure 42. This circuit can be used
to reject dc voltages and offsets. At low frequencies, the impedance
of the capacitor, C, is high. Thus, the gain of the integrator is
high. DC voltage at the output of the AD8275 is inverted and
gained by the integrator. The inverted signal is injected back
into the REFx pins, nulling the output. In contrast, at high fre-
quencies, the integrator has low gain because the impedance of
C is low. Voltage changes at high frequencies are inverted but at
a low gain. The signal is injected into the REFx pins but it is not
enough to null the output. High frequency signals are, therefore,
allowed to pass.
When a signal exceeds fHIGH-PASS, the AD8275 outputs the
conditioned input signal.
AD8275
7
4
5
6
8
2
50k
Ω
0.1µF
0.1µF
50k
Ω
20k
Ω
20k
Ω
R
C
10k
Ω
3
+IN
–IN
REF2
REF1
VREF
–VS
+VS
+5V
+5V
OUT
VOUT
SENSE
1
fHIGH-PASS =
1
2
πRC
OP
AMP
Figure 42. AC-Coupled Level Translator
USING THE AD8275 AS A LEVEL TRANSLATOR IN
A DATA ACQUISITION SYSTEM
Signal size varies dramatically in some data acquisition applica-
tions. Instrumentation amplifiers, such as the AD8253, AD8228,
or AD8221, are often used at the inputs to provide CMRR and
high input impedance. However, the instrumentation amplifiers
output ±10 V signals and the ADC full scale is 5 V or 4.096 V.
In Figure 43, the AD8275 serves as a level translator between
the in-amp and the ADC. The AD8275, along with the AD8228
and the AD8253, have very low gain drift because all gain setting
resistors are internal and laser-trimmed.
VREF
AD8275
7
4
5
6
8
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
33
Ω
10k
Ω
3
+IN
–IN
REF2
REF1
–VS
+VS
+5V
OUT
SENSE
0.1µF
2.7nF
10µF
1
ADC
VCC
GND
REF
+IN
–IN
0.1µF
+15V
–15V
0.1µF
IN-AMP
Figure 43. Level Translation in a Data Acquisition System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com