Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT157 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT157
Description  Quad 2-Input Data Selectors/Multiplexer(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT157 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT157 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT157 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT157 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT157 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT157 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT157
System Logic
Semiconductor
SLS
Quad 2-Input Data Selectors/Multiplexer
High-Performance Silicon-Gate CMOS
The SL74HCT157 is identical in pinout to the LS/ALS157. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High Speed CMOS inputs.
This device routes 2 nibbles (A or B) to a single port (Y) as
determined by the Select input. The data is presented at the outputs in
noninvertered form. A high level on the Output Enable input sets all
four Y outputs to a low level.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT157N Plastic
SL74HCT157D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Output
Enable
Select
Y0-Y3
H
X
L
L
L
A0-A3
L
H
B0-B3
X=don’t care
A0-A3,B0-B3=the levels of the respective
Data-Word Inputs
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT157

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT153 SLS-SL74HCT153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT153D SLS-SL74HCT153D Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT153N SLS-SL74HCT153N Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT157

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC157 SLS-SL74HC157 Datasheet
44Kb / 5P
Quad 2-Input Data Selectors/Multiplexer
logo
Integral Corp.
IN74HC157A INTEGRAL-IN74HC157A Datasheet
62Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
IN74HCT157A INTEGRAL-IN74HCT157A Datasheet
139Kb / 5P
QUAD 2-INPUT DATA SELECTORS/MULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC157A KODENSHI-KK74HC157A Datasheet
216Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
KK74HC158A KODENSHI-KK74HC158A Datasheet
217Kb / 6P
Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
KK74HCT157A KODENSHI-KK74HCT157A Datasheet
217Kb / 6P
Quad 2-Input Data Selectors/Multiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC258A IKSEMICON-IN74HC258A Datasheet
212Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC157A IKSEMICON-IN74HC157A Datasheet
155Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
IN74HC158A IKSEMICON-IN74HC158A Datasheet
204Kb / 6P
Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
IN74HCT157A IKSEMICON-IN74HCT157A Datasheet
204Kb / 6P
Quad 2-Input Data Selectors/Multiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com