Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2188 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2188 Datasheet HTML 9Page - Linear Technology LTC2188 Datasheet HTML 10Page - Linear Technology LTC2188 Datasheet HTML 11Page - Linear Technology LTC2188 Datasheet HTML 12Page - Linear Technology LTC2188 Datasheet HTML 13Page - Linear Technology LTC2188 Datasheet HTML 14Page - Linear Technology LTC2188 Datasheet HTML 15Page - Linear Technology LTC2188 Datasheet HTML 16Page - Linear Technology LTC2188 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
2270f
LTC2270
DOUBLE DATA RATE LVDS OUTPUT MODE
All Pins Below Have LVDS Output Levels. The Output
Current Level Is Programmable. There Is an Optional
Internal 100Ω Termination Resistor Between the Pins
of Each LVDS Output Pair.
D2_0_1–/D2_0_1+ to D2_14_15–/D2_14_15+ (Pins 23/24,
25/26, 27/28, 29/30, 31/32, 33/34, 35/36, 37/38): Chan-
nel 2 Double Data Rate Digital Outputs. Two data bits are
multiplexed onto each differential output pair. The even data
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
CLKOUT–/CLKOUT+ (Pins 39/40): Data Output Clock.
The digital outputs normally transition at the same time
as the falling and rising edges of CLKOUT+. The phase of
CLKOUT+ can also be delayed relative to the digital outputs
by programming the mode control registers.
D1_0_1–/D1_0_1+ to D1_14_15–/D1_14_15+ (Pins 43/44,
45/46, 47/48, 49/50, 51/52, 53/54, 55/56, 57/58): Chan-
nel 1 Double Data Rate Digital Outputs. Two data bits are
multiplexed onto each differential output pair. The even data
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
OF2_1–/OF2_1+ (Pins 59/60): Over/Under Flow Digital
Output. OF2_1+ is high when an overflow or underflow
has occurred. The over/under flow for both channels
are multiplexed onto this pin. Channel 2 appears when
CLKOUT+ is low, and Channel 1 appears when CLKOUT+
is high.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com