Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3748 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3748
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3748 Datasheet HTML 9Page - Linear Technology LT3748 Datasheet HTML 10Page - Linear Technology LT3748 Datasheet HTML 11Page - Linear Technology LT3748 Datasheet HTML 12Page - Linear Technology LT3748 Datasheet HTML 13Page - Linear Technology LT3748 Datasheet HTML 14Page - Linear Technology LT3748 Datasheet HTML 15Page - Linear Technology LT3748 Datasheet HTML 16Page - Linear Technology LT3748 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8300
13
8300f
Typically, choose the transformer turns ratio to maximize
available output power. For low output voltages (3.3V or
5V), a larger N:1 turns ratio can be used with multiple
primarywindingsrelativetothesecondarytomaximizethe
transformer’s current gain (and output power). However,
remember that the SW pin sees a voltage that is equal
to the maximum input supply voltage plus the output
voltage multiplied by the turns ratio. In addition, leakage
inductance will cause a voltage spike (VLEAKAGE) on top of
this reflected voltage. This total quantity needs to remain
below the 150V absolute maximum rating of the SW pin
to prevent breakdown of the internal power switch. To-
gether these conditions place an upper limit on the turns
ratio, NPS, for a given application. Choose a turns ratio
low enough to ensure:
NPS <
150V
− VIN(MAX) − VLEAKAGE
VOUT + VF
For lower output power levels, choose a smaller N:1 turns
ratio to alleviate the SW pin voltage stress. Although a
1:N turns ratio makes it possible to have very high output
voltages without exceeding the breakdown voltage of the
internal power switch, the multiplied parasitic capacitance
through turns ratio coupled with the relatively resistive
150V internal power switch may cause the switch turn-on
currentspikeringingbeyond160nsleading-edgeblanking,
thereby producing light load instability in certain applica-
tions. So any 1:N turns ratio should be fully evaluated
before its use with the LT8300.
The turns ratio is an important element in the isolated
feedback scheme, and directly affects the output voltage
accuracy. Make sure the transformer manufacturer speci-
fies turns ratio accuracy within ±1%.
applicaTions inForMaTion
Saturation Current
Thecurrentinthetransformerwindingsshouldnotexceed
itsratedsaturationcurrent.Energyinjectedoncethecoreis
saturated will not be transferred to the secondary and will
instead be dissipated in the core. When designing custom
transformers to be used with the LT8300, the saturation
current should always be specified by the transformer
manufacturers.
Winding Resistance
Resistance in either the primary or secondary windings
will reduce overall power efficiency. Good output voltage
regulation will be maintained independent of winding re-
sistance due to the boundary/discontinuous conduction
mode operation of the LT8300.
Leakage Inductance and Snubbers
Transformer leakage inductance on either the primary or
secondary causes a voltage spike to appear on the primary
after the power switch turns off. This spike is increasingly
prominent at higher load currents where more stored en-
ergy must be dissipated. It is very important to minimize
transformer leakage inductance.
When designing an application, adequate margin should
be kept for the worst-case leakage voltage spikes even
under overload conditions. In most cases shown in Figure
5, the reflected output voltage on the primary plus VIN
should be kept below 120V. This leaves at least 30V margin
for the leakage spike across line and load conditions. A
larger voltage margin will be required for poorly wound
transformers or for excessive leakage inductance.
In addition to the voltage spikes, the leakage inductance
also causes the SW pin ringing for a while after the power
switch turns off. To prevent the voltage ringing falsely trig-
ger boundary mode detector, the LT8300 internally blanks
theboundarymodedetectorforapproximately250ns.Any
remaining voltage ringing after 250ns may turn the power
switch back on again before the secondary current falls
to zero. So the leakage inductance spike ringing should
be limited to less than 250ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com