Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4274C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4274C
Description  Single PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274C Datasheet(HTML) 2 Page - Linear Technology

  LTC4274C Datasheet HTML 1Page - Linear Technology LTC4274C Datasheet HTML 2Page - Linear Technology LTC4274C Datasheet HTML 3Page - Linear Technology LTC4274C Datasheet HTML 4Page - Linear Technology LTC4274C Datasheet HTML 5Page - Linear Technology LTC4274C Datasheet HTML 6Page - Linear Technology LTC4274C Datasheet HTML 7Page - Linear Technology LTC4274C Datasheet HTML 8Page - Linear Technology LTC4274C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC4274A/LTC4274C
2
4274acfc
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
MAX PWR
TEMPERATURE RANGE
LTC4274CIUHF#PBF
LTC4274CIUHF#TRPBF
4274C
38-Lead (5mm × 7mm) Plastic QFN
13W
–40°C to 85°C
LTC4274AIUHF-1#PBF
LTC4274AIUHF-1#TRPBF
4274A1
38-Lead (5mm × 7mm) Plastic QFN
38.7W
–40°C to 85°C
LTC4274AIUHF-2#PBF
LTC4274AIUHF-2#TRPBF
4274A2
38-Lead (5mm × 7mm) Plastic QFN
52.7W
–40°C to 85°C
LTC4274AIUHF-3#PBF
LTC4274AIUHF-3#TRPBF
4274A3
38-Lead (5mm × 7mm) Plastic QFN
70W
–40°C to 85°C
LTC4274AIUHF-4#PBF
LTC4274AIUHF-4#TRPBF
4274A4
38-Lead (5mm × 7mm) Plastic QFN
90W
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
13 14 15 16
TOP VIEW
VEE
39
UHF PACKAGE
38-LEAD (5mm
7mm) PLASTIC QFN
EXPOSED PAD IS VEE (PIN 39) MUST BE SOLDERED TO PCB
TJMAX = 125°C, JA = 34°C/W
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SDAOUT
NC
SDAIN
AD3
AD2
AD1
AD0
DNC
NC
DGND
NC
NC
GATE
SENSE
NC
NC
VEE
VEE
VEE
NC
NC
VEE
NC
NC
23
22
21
20
9
10
11
12
Supply Voltages (Note 1)
AGND – VEE ........................................... –0.3V to 80V
DGND – VEE ........................................... –0.3V to 80V
VDD – DGND ......................................... –0.3V to 5.5V
Digital Pins
SCL, SDAIN, SDAOUT, INT, SHDN, MSD, AD,
RESET, AUTO, MID........... DGND –0.3V to VDD + 0.3V
Analog Pins
GATE, SENSE, OUT ................ VEE –0.3V to VEE + 80V
Operating Temperature Range ................. –40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com