Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4290 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4290
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4290 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4290 Datasheet HTML 17Page - Linear Technology LTC4290 Datasheet HTML 18Page - Linear Technology LTC4290 Datasheet HTML 19Page - Linear Technology LTC4290 Datasheet HTML 20Page - Linear Technology LTC4290 Datasheet HTML 21Page - Linear Technology LTC4290 Datasheet HTML 22Page - Linear Technology LTC4290 Datasheet HTML 23Page - Linear Technology LTC4290 Datasheet HTML 24Page - Linear Technology LTC4290 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4290/LTC4271
21
429071f
APPLICATIONS INFORMATION
If classification is enabled, the port will classify the PD
immediatelyafterasuccessfuldetectioncycleinsemi-auto
or AUTO pin modes, or when commanded to in manual
mode. It measures the PD classification signature by ap-
plying 18V for 12ms (both values typical) to the port via
the OUTn pin and measuring the resulting current; it then
reports the discovered class in the Port Status register.
If the LTC4290/LTC4271 is in AUTO pin mode, it will ad-
ditionally use the classification result to set the ICUT and
ILIM thresholds. See the Reset and the AUTO/MID Pin
section for more information.
The classification circuitry is disabled when the port is
initially powered up with the AUTO pin low, in shutdown
mode, or when the corresponding Class Enable bit is
cleared.
Figure 13. PD Classification
path. LLDP classification requires the PSE to power the
PD as a standard 802.3af (Type 1) device. It then waits for
the host to perform LLDP communication with the PD and
update the PSE port data. The LTC4290/LTC4271 supports
changing the ILIM and ICUT levels on the fly, allowing the
host to complete LLDP classification.
The second 802.3at classification method, known as
2-event classification or ping-pong, is supported by
the LTC4290/LTC4271. A Type 2 PD that is requesting
more than 13W will indicate Class 4 during normal
802.3af classification. If the LTC4290/LTC4271 sees
Class 4, it forces the port to a specified lower voltage
(called the mark voltage, typically 9V), pauses briefly, and
then re-runs classification to verify the Class 4 reading
(Figure1).ItalsosetsabitintheHighPowerStatusregister
to indicate that it ran the second classification cycle. The
second cycle alerts the PD that it is connected to a Type
2 PSE which can supply Type 2 power levels.
2-event ping-pong classification is enabled by setting a bit
in the port’s High Power Mode register. Note that a ping-
pongenabledportonlyrunsthesecondclassificationcycle
when it detects a Class 4 device; if the first cycle returns
Class 0 to 3, the port determines it is connected to a Type 1
PD and does not run the second classification cycle.
Invalid Type 2 Class Combinations
The 802.3at specification defines a Type 2 PD class signa-
ture as two consecutive Class 4 results; a Class 4 followed
by a Class 0-3 is not a valid signature. In AUTO pin mode,
the LTC4290/LTC4271 will power a detected PD regardless
of the classification results, with one exception: if the PD
presents an invalid Type 2 signature (Class 4 followed by
Class 0 to 3), the LTC4290/LTC4271 will not provide power
and will restart the detection process. To aid in diagnosis,
the Port Status register will always report the results of the
last class pulse, so an invalid Class 4–Class 2 combination
would report a second class pulse was run in the High
Power Status register (which implies that the first cycle
found class 4), and Class 2 in the Port Status register.
VOLTAGE (VCLASS)
0
60
50
40
30
20
10
0
5
10
15
20
429071 F13
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT
802.3at 2-Event Classification
The 802.3at specification defines two methods of classify-
ing a Type 2 PD. LTC4290/LTC4271 parts support 802.3at
2-event classification.
One method adds extra fields to the Ethernet LLDP data
protocol; although the LTC4290/LTC4271 is compatible
with this classification method, it cannot perform clas-
sification directly since it doesn’t have access to the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com