Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4271 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4271
Description  Single PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 5 Page - Linear Technology

  LTC4271 Datasheet HTML 1Page - Linear Technology LTC4271 Datasheet HTML 2Page - Linear Technology LTC4271 Datasheet HTML 3Page - Linear Technology LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC4274A/LTC4274C
5
4274acfc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing Characteristics
tDET
Detection Time
Beginning to End of Detection (Note 7)
l
270
290
310
ms
tDETDLY
Detection Delay
From PD Connected to Port to Detection
Complete (Note 7)
l
300
470
ms
tCLE
Class Event Duration
(Note 7)
l
12
ms
tCLEON
Class Event Turn-On Duration
CPORT = 0.6μF (Note 7)
l
0.1
ms
tME
Mark Event Duration
(Notes 7, 11)
l
8.6
ms
tMEL
Last Mark Event Duration
(Notes 7, 11)
l
16
22
ms
tPON
Power On Delay in AUTO Pin Mode
From End of Valid Detect to Application of Power
to Port (Note 7)
l
60
ms
Turn On Rise Time
(AGND – VOUT): 10% to 90% of (AGND – VEE),
CPORT = 0.15μF (Note 7)
l
15
24
μs
Turn On Ramp Rate
CPORT = 0.15μF (Note 7)
l
10
V/μs
Fault Delay
From ICUT Fault to Next Detect
l
1.0
1.1
s
Midspan Mode Detection Backoff
Rport = 15.5kΩ (Note 7)
l
2.3
2.5
2.7
s
Power Removal Detection Delay
From Power Removal After tDIS to Next Detect
(Note 7)
l
1.0
1.3
2.5
s
tSTART
Maximum Current Limit Duration During
Port Start-Up
(Note 7)
l
52
62.5
66
ms
tLIM
Maximum Current Limit Duration After Port
Start-Up
tLIM Enable = 1 (Notes 7, 12)
l
11.9
ms
tCUT
Maximum Overcurrent Duration After Port
Start-Up
(Note 7)
l
52
62.5
66
ms
Maximum Overcurrent Duty Cycle
(Note 7)
l
5.8
6.3
6.7
%
tMPS
Maintain Power Signature (MPS) Pulse
Width Sensitivity
Current Pulse Width to Reset Disconnect Timer
(Notes 7, 8)
l
1.6
3.6
ms
tDIS
Maintain Power Signature (MPS) Dropout
Time
(Notes 5, 7)
l
320
350
380
ms
tMSD
Masked Shut Down Delay
(Note 7)
l
6.5
μs
tSHDN
Port Shut Down Delay
(Note 7)
l
6.5
μs
I2C Watchdog Timer Duration
l
1.5
2
3
s
Minimum Pulse Width for Masked Shut
Down
(Note 7)
l
3μs
Minimum Pulse Width for SHDN
(Note 7)
l
3μs
Minimum Pulse Width for RESET
(Note 7)
l
4.5
μs
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 54V, AGND = DGND, and VDD – DGND = 3.3V
unless otherwise noted. (Notes 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com