Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT20D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT20D
Description  Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT20D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT20D Datasheet HTML 1Page - System Logic Semiconductor SL74HCT20D Datasheet HTML 2Page - System Logic Semiconductor SL74HCT20D Datasheet HTML 3Page - System Logic Semiconductor SL74HCT20D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HCT20
System Logic
Semiconductor
SLS
Dual 4-Input NAND Gate
High-Performance Silicon-Gate CMOS
The SL74HCT20 is identical in pinout to the LS/ALS20. The
SL74HCT20 may be used as a level converter for interfacing TTL or
NMOS outputs to High-Speed CMOS inputs.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HCT20N Plastic
SL74HCT20D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs
Output
A
B
C
D
Y
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H
H
H
H
L
X = don’t care
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PINS 3,11 = NO CONNECTION


Similar Part No. - SL74HCT20D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT240 SLS-SL74HCT240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT240D SLS-SL74HCT240D Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT240N SLS-SL74HCT240N Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT241 SLS-SL74HCT241 Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT241D SLS-SL74HCT241D Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT20D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT20 INTEGRAL-IN74HCT20 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS
IN74HC20A INTEGRAL-IN74HC20A Datasheet
178Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT20A KODENSHI-KK74HCT20A Datasheet
196Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC20A IKSEMICON-IN74HC20A Datasheet
180Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com